Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78L08Q8 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # LM78L08Q8
Description  Low Current Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78L08Q8 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  LM78L08Q8 Datasheet HTML 1Page - Cystech Electonics Corp. LM78L08Q8 Datasheet HTML 2Page - Cystech Electonics Corp. LM78L08Q8 Datasheet HTML 3Page - Cystech Electonics Corp. LM78L08Q8 Datasheet HTML 4Page - Cystech Electonics Corp. LM78L08Q8 Datasheet HTML 5Page - Cystech Electonics Corp. LM78L08Q8 Datasheet HTML 6Page - Cystech Electonics Corp. LM78L08Q8 Datasheet HTML 7Page - Cystech Electonics Corp. LM78L08Q8 Datasheet HTML 8Page - Cystech Electonics Corp. LM78L08Q8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C515Q8
Issued Date : 2007.11.19
Revised Date :
Page No. : 5/11
LM78LXXQ8
CYStek Product Specification
LM78L15 (Vin=23V, Io=40mA, Tj=0~125
°C, Cin=0.33uF, Cout=0.1uF, unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
14.55
15
15.45
Vo
B-rank(5%)
Output Voltage
14.25
-
15.75
Vin=23V, Io=40mA,Tj=25
°C
17.5V
≤Vin≤30V, 1mA≤Io≤40mA
17.5V
≤Vin≤Vmax,1mA≤Io≤70mA (Note 2)
V
-
25
150
17.5V
≤Vin≤30V
ΔVo
Line Regulation
-
15
75
20V
≤Vin≤30V
mV
-
20
150
1mA
≤Io≤100mA
ΔVo
Load Regulation
-
25
150
1mA
≤Io≤70mA
mV
IQ
Quiescent Current
-
2.2
6.5
Tj=25
°C, Vin=23V, Io=0mA
mA
-
-
1.5
20V
≤Vin≤30V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤40mA
mA
Vn
Output Noise Voltage
-
90
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
34
63
-
18.5V
≤Vin≤28.5V, f=120Hz
dB
ΔVo/ΔTj
Temperature Stability
-
-1.3
-
Io=5mA, 0
°C ≤Tj≤125°C
mV/℃
VD
Dropout Voltage
-
1.7
-
Io=100mA
V
LM78L18 (Vin=27V, Io=40mA, Tj=0~125
°C, Cin=0.33uF, Cout=0.1uF, unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
17.46
18
18.54
Vo
B-rank(5%)
Output Voltage
17.10
-
18.90
Vin=27V, Io=40mA,Tj=25
°C
21V
≤Vin≤33V, 1mA≤Io≤40mA
21V
≤Vin≤Vmax,1mA≤Io≤70mA (Note 2)
V
-
145
300
21V
≤Vin≤33V
ΔVo
Line Regulation
-
135
250
22V
≤Vin≤33V
mV
-
30
170
1mA
≤Io≤100mA
ΔVo
Load Regulation
-
15
85
1mA
≤Io≤40mA
mV
IQ
Quiescent Current
-
2.0
6.0
Tj=25
°C, Vin=27V, Io=0mA
mA
-
-
1.5
21V
≤Vin≤33V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤40mA
mA
Vn
Output Noise Voltage
-
150
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
34
48
-
23V
≤Vin≤33V, f=120Hz
dB
ΔVo/ΔTj
Temperature Stability
-
-1.8
-
Io=5mA, 0
°C ≤Tj≤125°C
mV/℃
VD
Dropout Voltage
-
1.7
-
Io=100mA
V


Similar Part No. - LM78L08Q8

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
LM78L08 CDIL-LM78L08 Datasheet
58Kb / 2P
   POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78L08 HTC-LM78L08 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM78L08 KEXIN-LM78L08 Datasheet
54Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
Shenzhen Jin Yu Semicon...
LM78L08 HTSEMI-LM78L08 Datasheet
1Mb / 2P
   Three-terminal positive voltage regulator
logo
Tiger Electronic Co.,Lt...
LM78L08 TGS-LM78L08 Datasheet
347Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
More results

Similar Description - LM78L08Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
LM78L09XM3 CYSTEKEC-LM78L09XM3 Datasheet
122Kb / 5P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com