Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1243Y-150 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1243Y-150
Description  64K NV SRAM with Phantom Clock
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1243Y-150 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1243Y-150 Datasheet HTML 1Page - Dallas Semiconductor DS1243Y-150 Datasheet HTML 2Page - Dallas Semiconductor DS1243Y-150 Datasheet HTML 3Page - Dallas Semiconductor DS1243Y-150 Datasheet HTML 4Page - Dallas Semiconductor DS1243Y-150 Datasheet HTML 5Page - Dallas Semiconductor DS1243Y-150 Datasheet HTML 6Page - Dallas Semiconductor DS1243Y-150 Datasheet HTML 7Page - Dallas Semiconductor DS1243Y-150 Datasheet HTML 8Page - Dallas Semiconductor DS1243Y-150 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS1243Y
5 of 13
PHANTOM CLOCK REGISTER DEFINITION Figure 2
AM–PM/12/24 MODE
Bit 7 of the hours register is defined as the 12– or 24–hour mode select bit. When high, the 12–hour mode
is selected. In the 12–hour mode, bit 5 is the AM/PM bit with logic high being PM. In the 24–hour mode,
bit 5 is the second 10–hour bit (20–23 hours).
OSCILLATOR AND RESET BITS
Bits 4 and 5 of the day register are used to control the RESET and oscillator functions. Bit 4 controls the
RESET
(pin 1). When the RESET bit is set to logic 1, the RESET input pin is ignored. When the RESET
bit is set to logic 0, a low input on the RESET pin will cause the Phantom Clock to abort data transfer
without changing data in the watch registers. Bit 5 controls the oscillator. When set to logic 1, the
oscillator is off. When set to logic 0, the oscillator turns on and the watch becomes operational. These
bits are shipped from the factory set to a logic 1.
ZERO BITS
Registers 1, 2, 3, 4, 5, and 6 contain one or more bits which will always read logic 0. When writing these
locations, either a logic 1 or 0 is acceptable.


Similar Part No. - DS1243Y-150

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y-150 ARTSCHIP-DS1243Y-150 Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
More results

Similar Description - DS1243Y-150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
   64K NV SRAM with Phantom Clock
Rev 11/11
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
   NV SRAM with Phantom Clock
logo
Dallas Semiconductor
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
   4096k NV SRAM with Phantom Clock
DS1251Y DALLAS-DS1251Y Datasheet
93Kb / 12P
   4096K NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1248 MAXIM-DS1248 Datasheet
631Kb / 19P
   1024K NV SRAM with Phantom Clock
Rev 11/11
logo
Dallas Semiconductor
DS1248 DALLAS-DS1248 Datasheet
285Kb / 21P
   1024k NV SRAM with Phantom Clock
DS1244Y DALLAS-DS1244Y Datasheet
94Kb / 12P
   256K NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com