Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLU3915PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLU3915PBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU3915PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLU3915PBF Datasheet HTML 1Page - International Rectifier IRLU3915PBF Datasheet HTML 2Page - International Rectifier IRLU3915PBF Datasheet HTML 3Page - International Rectifier IRLU3915PBF Datasheet HTML 4Page - International Rectifier IRLU3915PBF Datasheet HTML 5Page - International Rectifier IRLU3915PBF Datasheet HTML 6Page - International Rectifier IRLU3915PBF Datasheet HTML 7Page - International Rectifier IRLU3915PBF Datasheet HTML 8Page - International Rectifier IRLU3915PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon limited)
61
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (See Fig.9)
43
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package limited)
30
IDM
Pulsed Drain Current

240
PD @TC = 25°C
Power Dissipation
120
W
Linear Derating Factor
0.77
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚
200
mJ
EAS (6 sigma)
Single Pulse Avalanche Energy Tested Value
‡
600
IAR
Avalanche Current

See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
†
mJ
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
IRLR3915PbF
IRLU3915PbF
HEXFET® Power MOSFET
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.3
RθJA
Junction-to-Ambient (PCB mount)
ˆ
–––
50
°C/W
RθJA
Junction-to-Ambient–––
110
Thermal Resistance
VDSS = 55V
RDS(on) = 14mΩ
ID = 30A
10/01/10
www.irf.com
1
HEXFET(R) is a registered trademark of International Rectifier.
Description
This HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low
on-resistance per silicon area. Additional features
of this product are a 175°C junction operating
temperature, fast switching speed and improved
repetitive avalanche rating. These features
combine to make this design an extremely efficient
and reliable device for use in a wide variety of
applications.
S
D
G
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
D-Pak
IRLR3915PbF
I-Pak
IRLU3915PbF
l
Lead-Free
PD - 95090B


Similar Part No. - IRLU3915PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU3915PBF IRF-IRLU3915PBF Datasheet
310Kb / 11P
   AUTOMOTIVE MOSFET
More results

Similar Description - IRLU3915PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com