Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBCA124ES6R Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # HBCA124ES6R
Description  PNP and NPN Dual Digital Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBCA124ES6R Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  HBCA124ES6R Datasheet HTML 1Page - Cystech Electonics Corp. HBCA124ES6R Datasheet HTML 2Page - Cystech Electonics Corp. HBCA124ES6R Datasheet HTML 3Page - Cystech Electonics Corp. HBCA124ES6R Datasheet HTML 4Page - Cystech Electonics Corp. HBCA124ES6R Datasheet HTML 5Page - Cystech Electonics Corp. HBCA124ES6R Datasheet HTML 6Page - Cystech Electonics Corp. HBCA124ES6R Datasheet HTML 7Page - Cystech Electonics Corp. HBCA124ES6R Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C153S6R
Issued Date : 2011.04.01
Revised Date : 2013.09.06
Page No. : 4/8
HBCA124ES6R
CYStek Product Specification
•Tr2(PNP)
DC Current Gain vs Output Current
1
10
100
1000
0.1
1
10
100
Output Current---Io(mA)
Vo=5V
Output Voltage vs Output Current
10
100
1000
0.1
1
10
100
Output Current ---Io(mA)
Io/Ii=20
Input Voltage vs Output Current (ON Characteristics)
0.1
1
10
100
0.1
1
10
100
Output Current --- Io(mA)
Vo=0.3V
Output Current vs Input Voltage (OFF Characteristics)
0.01
0.1
1
10
01
23
Input Voltage --- Vi(off)(V)
Vcc=5V
Power Derating Curves
0
50
100
150
200
250
0
50
100
150
200
Ambient Temperature---TA(℃)
Dual
Single


Similar Part No. - HBCA124ES6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBCA123JS6R CYSTEKEC-HBCA123JS6R Datasheet
289Kb / 8P
   PNP and NPN Dual Digital Transistors
More results

Similar Description - HBCA124ES6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBCA114YS6R CYSTEKEC-HBCA114YS6R Datasheet
339Kb / 8P
   PNP and NPN Dual Digital Transistors
HBCA143TC6 CYSTEKEC-HBCA143TC6 Datasheet
275Kb / 7P
   PNP and NPN Dual Digital Transistors
HBCA143TS6R CYSTEKEC-HBCA143TS6R Datasheet
252Kb / 6P
   PNP and NPN Dual Digital Transistors
HBCA123JS6R CYSTEKEC-HBCA123JS6R Datasheet
289Kb / 8P
   PNP and NPN Dual Digital Transistors
HBCA114ES6R CYSTEKEC-HBCA114ES6R Datasheet
309Kb / 6P
   PNP and NPN Dual Digital Transistors
HBCA144EC6 CYSTEKEC-HBCA144EC6 Datasheet
278Kb / 7P
   PNP and NPN Dual Digital Transistors
HBCA144ES6R CYSTEKEC-HBCA144ES6R Datasheet
285Kb / 8P
   PNP and NPN Dual Digital Transistors
logo
Jiangsu Changjiang Elec...
EMD12 JIANGSU-EMD12 Datasheet
5Mb / 6P
   Dual Digital Transistors (NPNPNP)
logo
Shenzhen Jin Yu Semicon...
EMD9 HTSEMI-EMD9 Datasheet
627Kb / 2P
   dual digital transistors (NPN PNP)
logo
Micro Commercial Compon...
UMC5N MCC-UMC5N Datasheet
453Kb / 5P
   NPNPNP DUAL DIGITAL TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com