Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1233-15 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1233-15
Description  5V EconoReset
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1233-15 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1233-15 Datasheet HTML 1Page - Dallas Semiconductor DS1233-15 Datasheet HTML 2Page - Dallas Semiconductor DS1233-15 Datasheet HTML 3Page - Dallas Semiconductor DS1233-15 Datasheet HTML 4Page - Dallas Semiconductor DS1233-15 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
041002
FEATURES
§ Automatically restarts microprocessor after
power failure
§ Maintains reset for 350 ms after VCC returns
to an in-tolerance condition
§ Accurate 5%, 10% or 15% microprocessor 5V
power supply monitoring
§ Reduces need for discrete components
§ Precision temperature-compensated voltage
reference and voltage sensor
§ Low-cost TO-92 package or surface mount
SOT-223 package
§ Internal 5 kW pull-up resistor
§ Compatible with Motorola 68XXX series and
HC16 Microprocessors
§ Operating temperature of -40°C to +85°C
PIN ASSIGNMENT
PIN DESCRIPTION
PIN 1
GROUND
PIN 2
RESET
PIN 3
VCC
PIN 4
GROUND (SOT-223 ONLY)
DESCRIPTION
The DS1233D EconoReset uses a precision temperature-compensated reference and comparator circuit to
monitor the status of the power supply (VCC). When an out-of-tolerance condition is detected, an internal
power-fail signal is generated which forces reset to the active state. When VCC returns to an in-tolerance
condition, the reset signal is kept in the active state for approximately 350 ms to allow the power supply
and processor to stabilize.
OPERATION - POWER MONITOR
The DS1233D provides the functions of detecting out-of-tolerance power supply conditions and warning
a processor-based system of impending power failure. When VCC is detected as out of tolerance as
defined by the tolerance of the part selected, the RST signal is asserted. On power-up, RST is kept active
for approximately 350 ms after the power supply has reached the selected tolerance. This allows the
power supply and microprocessor to stabilize before RST is released.
DS1233D
5V EconoReset
www.maxim-ic.com
1 2 3
1 2 3
BOTTOM VIEW
TO-92 PACKAGE
See Mech.
Drawings Section
On Website
2
3
4
TOP VIEW
SOT-23 PACKAGE
See Mech.
Drawings Section
On Website
1
DALLAS
DS1233
Econo
Reset


Similar Part No. - DS1233-15

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1233-15 DALLAS-DS1233-15 Datasheet
57Kb / 5P
   5V EconoReset
DS1233-15 DALLAS-DS1233-15 Datasheet
121Kb / 5P
   3.3V EconoReset
DS1233-15 DALLAS-DS1233-15 Datasheet
50Kb / 5P
   5V EconoReset
logo
Maxim Integrated Produc...
DS1233-15 MAXIM-DS1233-15 Datasheet
120Kb / 5P
   5V EconoReset
041002
More results

Similar Description - DS1233-15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1833 MAXIM-DS1833 Datasheet
120Kb / 5P
   5V EconoReset
041002
DS1233 MAXIM-DS1233 Datasheet
127Kb / 5P
   5V EconoReset
122001
DS1233D MAXIM-DS1233D Datasheet
121Kb / 5P
   5V EconoReset
041002
logo
Dallas Semiconductor
DS1233 DALLAS-DS1233 Datasheet
57Kb / 5P
   5V EconoReset
DS1832 DALLAS-DS1832 Datasheet
50Kb / 5P
   5V EconoReset
logo
Maxim Integrated Produc...
DS1833Z-5 MAXIM-DS1833Z-5 Datasheet
120Kb / 5P
   5V EconoReset
041002
logo
Dallas Semiconductor
DS1813 DALLAS-DS1813 Datasheet
59Kb / 5P
   5V EconoReset with Pushbutton
logo
Maxim Integrated Produc...
DS1813 MAXIM-DS1813 Datasheet
211Kb / 5P
   5V EconoReset with Pushbutton
REV: 022306
DS1811 MAXIM-DS1811 Datasheet
119Kb / 5P
   5V EconoReset with Open Drain Output
041002
DS1810 MAXIM-DS1810 Datasheet
122Kb / 5P
   5V EconoReset with Push-Pull Output
041002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com