Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLMS5703TRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLMS5703TRPBF
Description  Generation V Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS5703TRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLMS5703TRPBF Datasheet HTML 1Page - International Rectifier IRLMS5703TRPBF Datasheet HTML 2Page - International Rectifier IRLMS5703TRPBF Datasheet HTML 3Page - International Rectifier IRLMS5703TRPBF Datasheet HTML 4Page - International Rectifier IRLMS5703TRPBF Datasheet HTML 5Page - International Rectifier IRLMS5703TRPBF Datasheet HTML 6Page - International Rectifier IRLMS5703TRPBF Datasheet HTML 7Page - International Rectifier IRLMS5703TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRLMS5703PbF
VDSS = -30V
RDS(on) = 0.18Ω
HEXFET® Power MOSFET
Fifth Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance
per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET® power MOSFETs are well known for,
provides the designer with an extremely efficient and
reliable device for use in a wide variety of applications.
The Micro6
™ package with its customized leadframe
produces a HEXFET® power MOSFET with RDS(on)
60% less than a similar size SOT-23. This package is
ideal for applications where printed circuit board space
is at a premium. It's unique thermal design and RDS(on)
reduction enables a current-handling increase of
nearly 300% compared to the SOT-23.
Description
1/18/05
l
Generation V Technology
l
Micro6 Package Style
l
Ultra Low
RDS(on)
l
P-channel MOSFET
Top View
1
2
D
G
A
D
D
D
S
3
4
5
6
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-2.4
ID @ TA = 70°C
Continuous Drain Current, VGS @- 10V
-1.9
A
IDM
Pulsed Drain Current 
-13
PD @TA = 25°C
Power Dissipation
1.7
W
Linear Derating Factor
13
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Min.
Typ.
Max
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
75
°C/W
Thermal Resistance Ratings
www.irf.com
1
Micro6
PD - 94896
l
Lead-Free


Similar Part No. - IRLMS5703TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLMS5703 IRF-IRLMS5703 Datasheet
276Kb / 9P
   HEXFET Power MOSFET
IRLMS5703PBF IRF-IRLMS5703PBF Datasheet
212Kb / 8P
   GENERATION V TECHNOLOGY
IRLMS5703PBF IRF-IRLMS5703PBF_15 Datasheet
212Kb / 8P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRLMS5703TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com