Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFL4310TR Datasheet(PDF) 1 Page - International Rectifier

Part # IRFL4310TR
Description  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL4310TR Datasheet(HTML) 1 Page - International Rectifier

  IRFL4310TR Datasheet HTML 1Page - International Rectifier IRFL4310TR Datasheet HTML 2Page - International Rectifier IRFL4310TR Datasheet HTML 3Page - International Rectifier IRFL4310TR Datasheet HTML 4Page - International Rectifier IRFL4310TR Datasheet HTML 5Page - International Rectifier IRFL4310TR Datasheet HTML 6Page - International Rectifier IRFL4310TR Datasheet HTML 7Page - International Rectifier IRFL4310TR Datasheet HTML 8Page - International Rectifier IRFL4310TR Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRFL4310
HEXFET® Power MOSFET
PD - 91368B
S
D
G
VDSS = 100V
RDS(on) = 0.20W
ID = 1.6A
5/11/99
Description
l Surface Mount
l Dynamic dv/dt Rating
l Fast Switching
l Ease of Paralleling
l Advanced Process Technology
l Ultra Low On-Resistance
SOT-223
* When mounted on FR-4 board using minimum recommended footprint.
** When mounted on 1 inch square copper board, for comparison with other SMD devices.
Absolute Maximum Ratings
www.irf.com
1
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The SOT-223 package is designed for surface-mount
using vapor phase, infra red, or wave soldering techniques.
Its unique package design allows for easy automatic pick-
and-place as with other SOT or SOIC packages but has
the added advantage of improved thermal performance
due to an enlarged tab for heatsinking. Power dissipation
of 1.0W is possible in a typical surface mount application.
Parameter
Typ.
Max.
Units
RqJA
Junction-to-Amb. (PCB Mount, steady state)*
93
120
RqJA
Junction-to-Amb. (PCB Mount, steady state)**
48
60
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V**
2.2
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V*
1.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V*
1.3
IDM
Pulsed Drain Current 
13
PD @TA = 25°C
Power Dissipation (PCB Mount)**
2.1
W
PD @TA = 25°C
Power Dissipation (PCB Mount)*
1.0
W
Linear Derating Factor (PCB Mount)*
8.3
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy‚
47
mJ
IAR
Avalanche Current
1.6
A
EAR
Repetitive Avalanche Energy*
0.10
mJ
dv/dt
Peak Diode Recovery dv/dt ƒ
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
A


Similar Part No. - IRFL4310TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL4310TRPBF IRF-IRFL4310TRPBF Datasheet
667Kb / 9P
   HEXFET짰 Power MOSFET
logo
VBsemi Electronics Co.,...
IRFL4310TRPBF VBSEMI-IRFL4310TRPBF Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - IRFL4310TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com