Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1220AD-120-IND Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1220AD-120-IND
Description  16k Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1220AD-120-IND Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1220AD-120-IND Datasheet HTML 1Page - Dallas Semiconductor DS1220AD-120-IND Datasheet HTML 2Page - Dallas Semiconductor DS1220AD-120-IND Datasheet HTML 3Page - Dallas Semiconductor DS1220AD-120-IND Datasheet HTML 4Page - Dallas Semiconductor DS1220AD-120-IND Datasheet HTML 5Page - Dallas Semiconductor DS1220AD-120-IND Datasheet HTML 6Page - Dallas Semiconductor DS1220AD-120-IND Datasheet HTML 7Page - Dallas Semiconductor DS1220AD-120-IND Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
111899
FEATURES
10 years minimum data retention in the
absence of external power
Data is automatically protected during power
loss
Directly replaces 2k x 8 volatile static RAM
or EEPROM
Unlimited write cycles
Low-power CMOS
JEDEC standard 24-pin DIP package
Read and write access times as fast as 100 ns
Full ±10% operating range
Optional industrial temperature range of
-40°C to +85°C, designated IND
PIN ASSIGNMENT
24-Pin ENCAPSULATED PACKAGE
720-mil EXTENDED
PIN DESCRIPTION
A0-A10
- Address Inputs
DQ0-DQ7
- Data In/Data Out
CE
- Chip Enable
WE
- Write Enable
OE
- Output Enable
VCC
- Power (+5V)
GND
- Ground
DESCRIPTION
The DS1220Y 16k Nonvolatile SRAM is a 16,384-bit, fully static, nonvolatile RAM organized as 2048
words by 8 bits. Each NV SRAM has a self-contained lithium energy source and control circuitry which
constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs, the lithium
energy source is automatically switched on and write protection is unconditionally enabled to prevent
data corruption. The NV SRAM can be used in place of existing 2k x 8 SRAMs directly conforming to
the popular bytewide 24-pin DIP standard. The DS1220Y also matches the pinout of the 2716 EPROM or
the 2816 EEPROM, allowing direct substitution while enhancing performance. There is no limit on the
number of write cycles that can be executed and no additional support circuitry is required for
microprocessor interfacing.
DS1220Y
16k Nonvolatile SRAM
www.dalsemi.com
14
VCC
WE
1
2
3
4
5
6
7
8
9
10
11
12
13
24
15
23
22
21
20
19
18
17
16
A7
A5
A3
A2
A1
A0
DQ0
DQ1
GND
DQ2
A6
A4
A8
A9
OE
A10
CE
DQ7
DQ6
DQ5
DQ3
DQ4


Similar Part No. - DS1220AD-120-IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1220AD-120-IND DALLAS-DS1220AD-120-IND Datasheet
136Kb / 9P
   16k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1220AD-120-IND ARTSCHIP-DS1220AD-120-IND Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
More results

Similar Description - DS1220AD-120-IND

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220AB DALLAS-DS1220AB Datasheet
136Kb / 9P
   16k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1220AD-150 MAXIM-DS1220AD-150 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
DS1220Y MAXIM-DS1220Y Datasheet
207Kb / 9P
   16k Nonvolatile SRAM
19-5579; Rev 10/10
DS1220AB MAXIM-DS1220AB Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
DS1220AD-100 MAXIM-DS1220AD-100 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
logo
Dallas Semiconductor
DS1220AB DALLAS-DS1220AB_10 Datasheet
207Kb / 8P
   16k Nonvolatile SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com