Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1213B Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1213B
Description  SmartSocket 16k/64k
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1213B Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS1213B Datasheet HTML 1Page - Dallas Semiconductor DS1213B Datasheet HTML 2Page - Dallas Semiconductor DS1213B Datasheet HTML 3Page - Dallas Semiconductor DS1213B Datasheet HTML 4Page - Dallas Semiconductor DS1213B Datasheet HTML 5Page - Dallas Semiconductor DS1213B Datasheet HTML 6Page - Dallas Semiconductor DS1213B Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DS1213B
7 of 7
DS1213B INTELLIGENT SOCKET 28 PIN (FOR 600-MIL DIP)
PKG
28-PIN
DIM
MIN
MAX
A IN.
MM
1.380
35.05
1.420
36.07
B IN.
MM
0.690
17.53
0.720
18.29
C IN.
MM
0.420
10.16
0.470
11.94
D IN.
MM
0.035
0.89
0.065
1.65
E IN.
MM
0.055
1.39
0.075
1.90
F IN.
MM
0.120
3.04
0.160
4.06
G IN.
MM
0.090
2.29
0.110
2.79
H IN.
MM
0.590
14.99
0.630
16.00
J IN.
MM
0.008
0.20
0.012
0.30
K IN.
MM
0.015
0.38
0.021
0.53
L IN.
MM
0.380
9.65
0.420
10.67


Similar Part No. - DS1213B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1213B DALLAS-DS1213B Datasheet
78Kb / 7P
   SmartSocket 16k/64k
logo
Maxim Integrated Produc...
DS1213B MAXIM-DS1213B Datasheet
78Kb / 7P
   SmartSocket 16k/64k
040601
logo
Dallas Semiconductor
DS1213B DALLAS-DS1213B_01 Datasheet
78Kb / 7P
   SmartSocket 16k/64k
More results

Similar Description - DS1213B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1213B DALLAS-DS1213B_01 Datasheet
78Kb / 7P
   SmartSocket 16k/64k
logo
Maxim Integrated Produc...
DS1213B MAXIM-DS1213B Datasheet
78Kb / 7P
   SmartSocket 16k/64k
040601
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
AL4V183 AVERLOGIC-AL4V183 Datasheet
31Kb / 2P
   16K, 64K-Bit Line FIFO
AL4V93 AVERLOGIC-AL4V93 Datasheet
26Kb / 2P
   16K, 64K-Bit Line FIFO
logo
Dallas Semiconductor
DS1213C DALLAS-DS1213C Datasheet
32Kb / 2P
   SmartSocket 256k
logo
Maxim Integrated Produc...
DS1213C MAXIM-DS1213C Datasheet
37Kb / 2P
   SmartSocket 256k
022900
logo
Integrated Device Techn...
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Cypress Semiconductor
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
logo
Maxim Integrated Produc...
DS1213D MAXIM-DS1213D Datasheet
36Kb / 2P
   SmartSocket 256k/1M
022900
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com