Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC-Q0603NPO3R9250TRPF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NMC-Q0603NPO3R9250TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC-Q0603NPO3R9250TRPF Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NMC-Q0603NPO3R9250TRPF Datasheet HTML 4Page - NIC-Components Corp. NMC-Q0603NPO3R9250TRPF Datasheet HTML 5Page - NIC-Components Corp. NMC-Q0603NPO3R9250TRPF Datasheet HTML 6Page - NIC-Components Corp. NMC-Q0603NPO3R9250TRPF Datasheet HTML 7Page - NIC-Components Corp. NMC-Q0603NPO3R9250TRPF Datasheet HTML 8Page - NIC-Components Corp. NMC-Q0603NPO3R9250TRPF Datasheet HTML 9Page - NIC-Components Corp. NMC-Q0603NPO3R9250TRPF Datasheet HTML 10Page - NIC-Components Corp. NMC-Q0603NPO3R9250TRPF Datasheet HTML 11Page - NIC-Components Corp. NMC-Q0603NPO3R9250TRPF Datasheet HTML 12Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
42
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
0201 25 Volt Standard Values and Characteristics
NMC-Q Series
Multilayer Ceramic Chip Capacitors
NIC PART NUMBER
CAPACITANCE
VALUE (pF)
AVAILABLE
TOLERANCE
Q FACTOR
(typ. @ 1GHz)*
ESR
Ω
(typ. @ 1GHz)*
NMC-Q0201NPO0R1_25TRPF
0.1
B
400
2.20
NMC-Q0201NPO0R2_25TRPF
0.2
A, B
400
1.80
NMC-Q0201NPO0R3_25TRPF
0.3
A, B
400
0.95
NMC-Q0201NPO0R4_25TRPF
0.4
A, B
400
0.75
NMC-Q0201NPO0R5_25TRPF
0.5
A, B, C
400
0.50
NMC-Q0201NPO0R6_25TRPF
0.6
A, B, C
400
0.45
NMC-Q0201NPO0R7_25TRPF
0.7
A, B, C
400
0.40
NMC-Q0201NPO0R8_25TRPF
0.8
A, B, C
400
0.40
NMC-Q0201NPO0R9_25TRPF
0.9
A, B, C
400
0.35
NMC-Q0201NPO1R0_25TRPF
1.0
A, B, C
400
0.35
NMC-Q0201NPO1R1_25TRPF
1.1
A, B, C
400
0.35
NMC-Q0201NPO1R2_25TRPF
1.2
A, B, C
400
0.35
NMC-Q0201NPO1R3_25TRPF
1.3
A, B, C
400
0.35
NMC-Q0201NPO1R4_25TRPF
1.4
A, B, C
400
0.35
NMC-Q0201NPO1R5_25TRPF
1.5
A, B, C
400
0.30
NMC-Q0201NPO1R6_25TRPF
1.6
A, B, C
400
0.30
NMC-Q0201NPO1R7_25TRPF
1.7
A, B, C
400
0.30
NMC-Q0201NPO1R8_25TRPF
1.8
A, B, C
400
0.30
NMC-Q0201NPO1R9_25TRPF
1.9
A, B, C
400
0.30
NMC-Q0201NPO2R0_25TRPF
2.0
A, B, C
400
0.30
NMC-Q0201NPO2R1_25TRPF
2.1
A, B, C
400
0.30
NMC-Q0201NPO2R2_25TRPF
2.2
A, B, C
400
0.25
NMC-Q0201NPO2R3_25TRPF
2.3
A, B, C
400
0.25
NMC-Q0201NPO2R4_25TRPF
2.4
A, B, C
400
0.25
NMC-Q0201NPO2R5_25TRPF
2.5
A, B, C
400
0.25
NMC-Q0201NPO2R6_25TRPF
2.6
A, B, C
400
0.25
NMC-Q0201NPO2R7_25TRPF
2.7
A, B, C
400
0.25
NMC-Q0201NPO2R8_25TRPF
2.8
A, B, C
400
0.25
NMC-Q0201NPO2R9_25TRPF
2.9
A, B, C
400
0.25
NMC-Q0201NPO3R0_25TRPF
3.0
A, B, C
400
0.25
NMC-Q0201NPO3R1_25TRPF
3.1
A, B, C
400
0.25
NMC-Q0201NPO3R2_25TRPF
3.2
A, B, C
400
0.25
NMC-Q0201NPO3R3_25TRPF
3.3
A, B, C
400
0.25
NMC-Q0201NPO3R4_25TRPF
3.4
A, B, C
400
0.25
NMC-Q0201NPO3R5_25TRPF
3.5
A, B, C
400
0.25
NMC-Q0201NPO3R6_25TRPF
3.6
A, B, C
400
0.25
NMC-Q0201NPO3R7_25TRPF
3.7
A, B, C
400
0.25
NMC-Q0201NPO3R8_25TRPF
3.8
A, B, C
400
0.25
NMC-Q0201NPO3R9_25TRPF
3.9
A, B, C
400
0.20
NMC-Q0201NPO4R0_25TRPF
4.0
A, B, C
400
0.20
NMC-Q0201NPO4R1_25TRPF
4.1
A, B, C
400
0.20
NMC-Q0201NPO4R2_25TRPF
4.2
A, B, C
400
0.20
NMC-Q0201NPO4R3_25TRPF
4.3
A, B, C
400
0.20
NMC-Q0201NPO4R4_25TRPF
4.4
A, B, C
400
0.20
NMC-Q0201NPO4R5_25TRPF
4.5
A, B, C
400
0.20
NMC-Q0201NPO4R6_25TRPF
4.6
A, B, C
400
0.20
NMC-Q0201NPO4R7_25TRPF
4.7
A, B, C
400
0.20
NMC-Q0201NPO4R7_25TRPF
4.7
A, B, C
400
0.20
NMC-Q0201NPO4R8_25TRPF
4.8
A, B, C
400
0.20
NMC-Q0201NPO4R9_25TRPF
4.9
A, B, C
400
0.20
NMC-Q0201NPO5R1_25TRPF
5.1
A, B, C
400
0.20
*Typical Q & ESR


Similar Part No. - NMC-Q0603NPO3R9250TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-Q0201NPO0R1-6.3TRPF NIC-NMC-Q0201NPO0R1-6.3TRPF Datasheet
119Kb / 15P
   Multilayer Ceramic Chip Capacitors
NMC-Q0201NPO0R2-6.3TRPF NIC-NMC-Q0201NPO0R2-6.3TRPF Datasheet
119Kb / 15P
   Multilayer Ceramic Chip Capacitors
NMC-Q0201NPO0R3-6.3TRPF NIC-NMC-Q0201NPO0R3-6.3TRPF Datasheet
119Kb / 15P
   Multilayer Ceramic Chip Capacitors
NMC-Q0201NPO0R4-6.3TRPF NIC-NMC-Q0201NPO0R4-6.3TRPF Datasheet
119Kb / 15P
   Multilayer Ceramic Chip Capacitors
NMC-Q0201NPO0R5-6.3TRPF NIC-NMC-Q0201NPO0R5-6.3TRPF Datasheet
119Kb / 15P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC-Q0603NPO3R9250TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com