Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG-127 Datasheet(PDF) 5 Page - Clare, Inc.

Part # TG-127
Description  HIGH ENERGY SPARK GAP DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TG-127 Datasheet(HTML) 5 Page - Clare, Inc.

  TG-127 Datasheet HTML 1Page - Clare, Inc. TG-127 Datasheet HTML 2Page - Clare, Inc. TG-127 Datasheet HTML 3Page - Clare, Inc. TG-127 Datasheet HTML 4Page - Clare, Inc. TG-127 Datasheet HTML 5Page - Clare, Inc. TG-127 Datasheet HTML 6Page - Clare, Inc. TG-127 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
568
North America: 1-800-CPCLARE
Europe: 32-11-300868
Asia: 886-2-2523-6368
Japan: 81-3-3980-2212
HIGH ENERGY SPARK GAP DEVICES
Two Electrode High-Energy Spark Gaps
MECHANICAL DIMENSIONS
A DIA.
B
C
TG LEGACY – 1
0.91
± 0.01 DIA.
(0.360
± 0.005)
1.27
± 0.32 DIA.
(0.500
± 0.125)
7.62
± 0.32
(3.000
± 0.318)
1.03 NOM.
(0.406)
TG LEGACY – 2/3/3A
A
C
B
TG LEGACY 1-A
3.34
± 0.02 DIA.
(1.313
± 0.007)
A
C
2.22
± 0.03 DIA.
(.875
± 0.010)
TG LEGACY – 5
B
1.57 DIA. MAX.
(0.620)
5.08
± 0.32
(2.000
± 0.125)
1.42
± 0.08 DIA.
(0.560
± 0.031)
#8 – 32 THREAD
A
1.03 NOM.
(0.406)
TG LEGACY – 7A
0.91
± 0.01 DIA.
(0.360
± 0.005)
2.94
± 0.24 DIA.
(1.156
± 0.094)
A
1.03 NOM.
(0.406)
TG LEGACY – 4/4A
1.03 NOM.
(0.406)
0.91
± 0.01 DIA.
(0.360
± 0.005)
A
0.64
(0.250)
1.57 DIA. MAX.
(0.620)
1.42
± 0.08 DIA.
(0.560
± 0.031)
TG LEGACY – 7
A
2.26 DIA.
(0.890)
1.64
± 0.04 DIA.
(0.645
± 0.015)
TG LEGACY – 9
B
DIMENSIONS
mm
(inches)


Similar Part No. - TG-127

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TG-221 CLARE-TG-221 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-222 CLARE-TG-222 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-224 CLARE-TG-224 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-225 CLARE-TG-225 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TG-226 CLARE-TG-226 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
More results

Similar Description - TG-127

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
logo
Okaya Electric America,...
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
   Rodan Spark Gap
logo
EPCOS
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com