Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAE6A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MAE6A
Description  MA SERIES - MICRO-LIMIT SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MAE6A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MAE6A Datasheet HTML 1Page - List of Unclassifed Manufacturers MAE6A Datasheet HTML 2Page - List of Unclassifed Manufacturers MAE6A Datasheet HTML 3Page - List of Unclassifed Manufacturers MAE6A Datasheet HTML 4Page - List of Unclassifed Manufacturers MAE6A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
H
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
H6
MA SERIES - MICRO-LIMIT SWITCHES
MECHANICAL OUTLINES
Models with quick-connect terminal .031x.248" (0.8x6.3mm) & pin spacing .197" (5mm)
Roller lever
Adaptor element
Normally open
Change-over
Hinge lever
Side view
Normally closed
Quick-connect terminal


Similar Part No. - MAE6A

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
MAE-86 DATADELAY-MAE-86 Datasheet
48Kb / 1P
   14 pins DIP TTL interfaced
logo
Powerbox
MAE13 POWERBOX-MAE13 Datasheet
580Kb / 2P
   10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE13003 POWERBOX-MAE13003 Datasheet
580Kb / 2P
   10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE13006 POWERBOX-MAE13006 Datasheet
580Kb / 2P
   10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE13009 POWERBOX-MAE13009 Datasheet
580Kb / 2P
   10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - MAE6A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com