Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC-Q0603NPO430100TRPF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NMC-Q0603NPO430100TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC-Q0603NPO430100TRPF Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NMC-Q0603NPO430100TRPF Datasheet HTML 5Page - NIC-Components Corp. NMC-Q0603NPO430100TRPF Datasheet HTML 6Page - NIC-Components Corp. NMC-Q0603NPO430100TRPF Datasheet HTML 7Page - NIC-Components Corp. NMC-Q0603NPO430100TRPF Datasheet HTML 8Page - NIC-Components Corp. NMC-Q0603NPO430100TRPF Datasheet HTML 9Page - NIC-Components Corp. NMC-Q0603NPO430100TRPF Datasheet HTML 10Page - NIC-Components Corp. NMC-Q0603NPO430100TRPF Datasheet HTML 11Page - NIC-Components Corp. NMC-Q0603NPO430100TRPF Datasheet HTML 12Page - NIC-Components Corp. NMC-Q0603NPO430100TRPF Datasheet HTML 13Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
43
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NMC-Q Series
Multilayer Ceramic Chip Capacitors
0201 25 Volt Standard Values and Characteristics
NIC PART NUMBER
CAPACITANCE
VALUE (pF)
AVAILABLE
TOLERANCE
Q FACTOR
(typ. @ 1GHz)*
ESR
Ω
(typ. @ 1GHz)*
NMC-Q0201NPO5R2_25TRPF
5.2
A, B, C
400
0.20
NMC-Q0201NPO5R3_25TRPF
5.3
A, B, C
400
0.20
NMC-Q0201NPO5R4_25TRPF
5.4
A, B, C
400
0.20
NMC-Q0201NPO5R6_25TRPF
5.6
B, C, D
350
0.15
NMC-Q0201NPO5R7_25TRPF
5.7
B, C, D
350
0.15
NMC-Q0201NPO5R9_25TRPF
5.9
B, C, D
350
0.15
NMC-Q0201NPO6R0_25TRPF
6.0
B, C, D
350
0.15
NMC-Q0201NPO6R1_25TRPF
6.1
B, C, D
350
0.15
NMC-Q0201NPO6R2_25TRPF
6.2
B, C, D
350
0.15
NMC-Q0201NPO6R3_25TRPF
6.3
B, C, D
350
0.15
NMC-Q0201NPO6R4_25TRPF
6.4
B, C, D
350
0.15
NMC-Q0201NPO6R6_25TRPF
6.6
B, C, D
350
0.15
NMC-Q0201NPO6R8_25TRPF
6.8
B, C, D
350
0.15
NMC-Q0201NPO6R9_25TRPF
6.9
B, C, D
350
0.15
NMC-Q0201NPO7R0_25TRPF
7.0
B, C, D
350
0.15
NMC-Q0201NPO7R1_25TRPF
7.1
B, C, D
350
0.15
NMC-Q0201NPO7.2_25TRPF
7.2
B, C, D
350
0.15
NMC-Q0201NPO7R3_25TRPF
7.3
B, C, D
350
0.15
NMC-Q0201NPO7R4_25TRPF
7.4
B, C, D
350
0.15
NMC-Q0201NPO7R5_25TRPF
7.5
B, C, D
350
0.15
NMC-Q0201NPO7R6_25TRPF
7.6
B, C, D
350
0.15
NMC-Q0201NPO7R7_25TRPF
7.7
B, C, D
350
0.15
NMC-Q0201NPO7R8_25TRPF
7.8
B, C, D
350
0.15
NMC-Q0201NPO8R0_25TRPF
8.0
B, C, D
350
0.15
NMC-Q0201NPO8R1_25TRPF
8.1
B, C, D
300
0.15
NMC-Q0201NPO8R2_25TRPF
8.2
B, C, D
300
0.15
NMC-Q0201NPO8R3_25TRPF
8.3
B, C, D
300
0.15
NMC-Q0201NPO8R4_25TRPF
8.4
B, C, D
300
0.15
NMC-Q0201NPO8R5_25TRPF
8.5
B, C, D
300
0.15
NMC-Q0201NPO8R6_25TRPF
8.6
B, C, D
300
0.15
NMC-Q0201NPO8R7_25TRPF
8.7
B, C, D
300
0.15
NMC-Q0201NPO8R8_25TRPF
8.8
B, C, D
300
0.15
NMC-Q0201NPO8R9_25TRPF
8.9
B, C, D
300
0.15
NMC-Q0201NPO9R0_25TRPF
9.0
B, C, D
300
0.15
NMC-Q0201NPO9R1_25TRPF
9.1
B, C, D
300
0.15
NMC-Q0201NPO9R2_25TRPF
9.2
B, C, D
300
0.15
NMC-Q0201NPO9R3_25TRPF
9.3
B, C, D
300
0.15
NMC-Q0201NPO9R4_25TRPF
9.4
B, C, D
300
0.15
NMC-Q0201NPO9R5_25TRPF
9.5
B, C, D
300
0.15
NMC-Q0201NPO9R6_25TRPF
9.6
B, C, D
300
0.15
NMC-Q0201NPO9R7_25TRPF
9.7
B, C, D
300
0.15
NMC-Q0201NPO9R8_25TRPF
9.8
B, C, D
300
0.15
NMC-Q0201NPO9R9_25TRPF
9.9
B, C, D
300
0.15
NMC-Q0201NPO100_25TRPF
10
F, G, J
300
0.10
NMC-Q0201NPO110_25TRPF
11
F, G, J
300
0.10
NMC-Q0201NPO120_25TRPF
12
F, G, J
300
0.10
NMC-Q0201NPO130_25TRPF
13
F, G, J
300
0.10
NMC-Q0201NPO150_25TRPF
15
F, G, J
250
0.10
NMC-Q0201NPO160_25TRPF
16
F, G, J
300
0.10
NMC-Q0201NPO180_25TRPF
18
F, G, J
250
0.10
NMC-Q0201NPO200_25TRPF
20
F, G, J
250
0.10
NMC-Q0201NPO220_25TRPF
22
F, G, J
250
0.10
*Typical Q & ESR


Similar Part No. - NMC-Q0603NPO430100TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-Q0201NPO0R1-6.3TRPF NIC-NMC-Q0201NPO0R1-6.3TRPF Datasheet
119Kb / 15P
   Multilayer Ceramic Chip Capacitors
NMC-Q0201NPO0R2-6.3TRPF NIC-NMC-Q0201NPO0R2-6.3TRPF Datasheet
119Kb / 15P
   Multilayer Ceramic Chip Capacitors
NMC-Q0201NPO0R3-6.3TRPF NIC-NMC-Q0201NPO0R3-6.3TRPF Datasheet
119Kb / 15P
   Multilayer Ceramic Chip Capacitors
NMC-Q0201NPO0R4-6.3TRPF NIC-NMC-Q0201NPO0R4-6.3TRPF Datasheet
119Kb / 15P
   Multilayer Ceramic Chip Capacitors
NMC-Q0201NPO0R5-6.3TRPF NIC-NMC-Q0201NPO0R5-6.3TRPF Datasheet
119Kb / 15P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC-Q0603NPO430100TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com