Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1040-A15 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1040-A15
Description  Programmable One-Shot Pulse Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1040-A15 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1040-A15 Datasheet HTML 1Page - Dallas Semiconductor DS1040-A15 Datasheet HTML 2Page - Dallas Semiconductor DS1040-A15 Datasheet HTML 3Page - Dallas Semiconductor DS1040-A15 Datasheet HTML 4Page - Dallas Semiconductor DS1040-A15 Datasheet HTML 5Page - Dallas Semiconductor DS1040-A15 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS1040
6 of 6
tRISE (Input Rise Time): The elapsed time between the 20% and the 80% point on the leading edge of
the input pulse.
tFALL (Input Fall Time): The elapsed time between the 80% and the 20% point on the trailing edge of
the input pulse.
tD (Intrinsic Delay): The elapsed time between the 1.5 point on the leading edge of the input trigger
pulse and the 1.5V point on the leading edge of output pulse.
tPU (Power-up Time): After VCC is valid, the time required before timing specifications is within
tolerance.
TEST SETUP DESCRIPTION
Figure 4 illustrates the hardware configuration used for measuring the timing parameters on the DS1040.
The input waveform is produced by a precision pulse generator under software control. The intrinsic
delay is measured by a time interval counter (20 ps resolution) connected between the input and each
output. Outputs are selected and connected to the counter by a VHF switch control unit. Width
measurements are made by directing both the start and stop functions of the counter to the same output.
All measurements are fully automated, with each instrument controlled by a central computer over an
IEEE 488 bus.
TEST CONDITIONS
Input:
Ambient Temperature:
25
°C + 3°C
Supply Voltage (VCC):
5.0V + 0.1V
Input Pulse:
High = 3.0V + 0.1V
Low = 0.0V + 0.1
Source Impedance:
50 ohm max.
Rise and Fall Time:
3.0 ns max. (measured
between 0.6V and 2.4)
Pulse Width:
500 ns (1
µs for -500)
Period:
1
µs (2 µs for -500)
Output:
The output is loaded with a 74F04. Delay is measured at the 1.5V level on the rising and falling edge.
Note:
Above conditions are for test only and do not restrict the operation of the device under other data sheet
conditions.


Similar Part No. - DS1040-A15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1040-A15 MAXIM-DS1040-A15 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
More results

Similar Description - DS1040-A15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
IC-Haus GmbH
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
National Semiconductor ...
9601 NSC-9601 Datasheet
147Kb / 6P
   Retriggerable One Shot
logo
M-System Co.,Ltd.
R3-PD16A MSYSTEM-R3-PD16A Datasheet
196Kb / 7P
   Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
M-System Co.,Ltd.
R3-PD16C MSYSTEM-R3-PD16C Datasheet
198Kb / 7P
   Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
MOSDESIGN SEMICONDUCTOR...
M1200A MOSDESIGN-M1200A Datasheet
145Kb / 2P
   ON/OFF ONE SHOT
2012-01-03
logo
M-System Co.,Ltd.
R3-PD16B MSYSTEM-R3-PD16B Datasheet
199Kb / 8P
   Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com