Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDS6128 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LDS6128
Description  PureTouch Capacitance Touch IC Family with Integrated LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LDS6128 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LDS6128 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDS6128 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDS6128 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
IDT® LDS6100-6120 PURETOUCH® CAPACITANCE TOUCH FAMILY FLYER
Ideal Solution for Portable and “Green” Applications
The LDS6100/6120 is optimized for ultra-low power consumption. In full power mode, sensor conversion
and calibration occur continuously, minimizing the time between touch event and touch detection. With its
ultra-low touch sensor current consumption of <70 μA (typical at 1.8V), the LDS6100 products may be
operated continuously in full power mode, eliminating the need for introduced latencies that can cause
noticeable delays and degrade the user experience. Where power consumption is of the utmost
importance, low power modes with configurable latencies may be utilized to further reduce current
below 25 μA (100ms sleep cycle).
The LDS6100/6120 family is optimized for a minimized solution footprint, with the functionality of multiple
components consolidated into a single device and a bare minimum of required external passive
components. A variety of package options are available including a 4mm x 4mm 28 lead TQFN package, a
5mm x 5mm 40 lead TQFN package (both with 0.75mm package thickness), or a 5.3mm x 10.2mm SSOP
package for applications requiring a wider lead pitch.
*For direct application of 1.8V voltage. For voltages higher than 1.8V, apply voltage to VDDIO and tie VDD1 to ground though C2.
Figure 2. LDS6120 application diagram (typical)
LDS 6100 / 6120 Features
Versatile, accurate CDC
• Up to 20 capacitance sensor input channels
• Configurable hysteresis and debounce
Ultra-low touch sensor power
consumption
• Full power operating mode (typical): <125 μW (VDD1=1.8V)
• Low power operating mode (typical): <50 μW (VDD1=1.8V,
100ms sleep cycle)
• Shutdown mode (typical): <1 μW (VDD1=1.8V)
Integrated, automatic calibration
algorithms
• Auto environmental compensation
• Integrated noise immunity algorithms for high-EMI applications
Integrated touch preference modes
• Strongest single touch / two touches
• Unrestricted (all) touches
Built-in slider/scroll support
• Location, scroll direction, and 2x interpolation supported natively


Similar Part No. - LDS6128

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
LDS6107PYGI8 IDT-LDS6107PYGI8 Datasheet
1Mb / 3P
   PureTouch짰 Capacitance Touch IC Family with Integrated LED Drivers
More results

Similar Description - LDS6128

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
LDS6023 IDT-LDS6023 Datasheet
344Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6028 IDT-LDS6028 Datasheet
348Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6020 IDT-LDS6020 Datasheet
346Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6025 IDT-LDS6025 Datasheet
346Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6107PYGI8 IDT-LDS6107PYGI8 Datasheet
1Mb / 3P
   PureTouch짰 Capacitance Touch IC Family with Integrated LED Drivers
LDS6003 IDT-LDS6003 Datasheet
332Kb / 2P
   PureTouch??Capacitance Touch IC
LDS6005 IDT-LDS6005 Datasheet
333Kb / 2P
   PureTouch??Capacitance Touch IC
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
   PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
Microchip Technology
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com