Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1075-100 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1075-100
Description  EconOscillator/Divider
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1075-100 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1075-100 Datasheet HTML 1Page - Dallas Semiconductor DS1075-100 Datasheet HTML 2Page - Dallas Semiconductor DS1075-100 Datasheet HTML 3Page - Dallas Semiconductor DS1075-100 Datasheet HTML 4Page - Dallas Semiconductor DS1075-100 Datasheet HTML 5Page - Dallas Semiconductor DS1075-100 Datasheet HTML 6Page - Dallas Semiconductor DS1075-100 Datasheet HTML 7Page - Dallas Semiconductor DS1075-100 Datasheet HTML 8Page - Dallas Semiconductor DS1075-100 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DS1075
5 of 18
Table 2
DIV1
BIT
E/ I
BIT*
MSEL
BIT
M
BIT
OPERATION
0000
INTERNAL OSCILLATOR DIVIDED BY 4*N
0001
INTERNAL OSCILLATOR DIVIDED BY 2*N
0
0
1
X
INTERNAL OSCILLATOR DIVIDED BY N
0
1
X
X
EXTERNAL OSCILLATOR DIVIDED BY N
1
0
X
X
INTERNAL OSCILLATOR DIVIDED BY 1
1
1
X
X
EXTERNAL OSCILLATOR DIVIDED BY 1
*Assuming PDN bit = 1, otherwise internal/external selection will be controlled by the PDN / SELX pin.
DIV WORD Figure 3
(MSB)
(LSB)
N (9-BITS)
PDN
This bit is used to determine the function of the PDN / SELX pin. If PDN=0, the PDN / SELX pin can be
used to determine the timing reference (either the internal oscillator or an external reference/crystal). If
PDN=1, the PDN /SELX pin is used to put the device into power-down mode.
EN0
This bit is used to determine whether the OUT0 pin is active or not. If EN0 =1, OUT0 is disabled (High-
impedance). If EN0 =0, the internal reference clock (MCLK) is output from OUT0. The OE pin has no
effect on OUT0, but OUT0 is disabled as part of the power-down sequence.
N
These nine bits determine the value of the programmable divider. The range of divisor values is from 2 to
513, and is equal to the programmed value of N plus 2:
Table 3
BIT
VALUES
DIVISOR (N)
VALUE
000000000
2
000000001
3
..
..
..
..
..
111111111
513
NOTE:
The maximum value of N is constrained by the minimum output frequency. If the internal clock is
selected, INTOSC/(M*N) must be greater than fOUTmin; if the external clock is selected, EXTCLK/N must
be greater than fOUTmin . (If DIV1=1, then INTOSC or EXTCLK, as applicable, must exceed fOUTmin).


Similar Part No. - DS1075-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1075 MAXIM-DS1075 Datasheet
133Kb / 1P
   Oscillator Programming/ Evaluation Kit
090302
DS1075 MAXIM-DS1075 Datasheet
125Kb / 2P
   DS1075X-M Crystal Replacement Module
011101
DS1075K MAXIM-DS1075K Datasheet
133Kb / 1P
   Oscillator Programming/ Evaluation Kit
090302
DS1075X-M10 MAXIM-DS1075X-M10 Datasheet
125Kb / 2P
   DS1075X-M Crystal Replacement Module
011101
More results

Similar Description - DS1075-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com