Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1005S-75 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1005S-75
Description  5-Tap Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1005S-75 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1005S-75 Datasheet HTML 1Page - Dallas Semiconductor DS1005S-75 Datasheet HTML 2Page - Dallas Semiconductor DS1005S-75 Datasheet HTML 3Page - Dallas Semiconductor DS1005S-75 Datasheet HTML 4Page - Dallas Semiconductor DS1005S-75 Datasheet HTML 5Page - Dallas Semiconductor DS1005S-75 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS1005
5 of 6
TEST SETUP DESCRIPTION
Figure 3 illustrates the hardware configuration used for measuring the timing parameters on the DS1005.
The input waveform is produced by a precision pulse generator under software control. Time delays are
measured by a time interval counter (20 ps resolution) connected between the input and each tap. Each
tap is selected and connected to the counter by a VHF switch control unit. All measurements are fully
automated, with each instrument controlled by a central computer over an IEEE 488 bus.
TEST CONDITIONS
INPUT:
Ambient Temperature
25
°C ±=3°C
Supply Voltage (VCC)
5.0V
±=0.1V
Input Pulse
High = 3.0V
±=0.1V
Low = 0.0V
±=0.1V
Source Impedance
50 ohm maximum
Rise and Fall Time
3.0 ns maximum
Pulse Width
500 ns
Period
1
µs
OUTPUT:
Each output is loaded with the equivalent of a 74F04 input gate. Delay is measured at the 1.5V level on
the rising and falling edge.
NOTE:
Above conditions are for test only and do not restrict the operation of the device under other data sheet
conditions.


Similar Part No. - DS1005S-75

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Dallas Semiconductor
DS1000-100 DALLAS-DS1000-100 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000-100 MAXIM-DS1000-100 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Dallas Semiconductor
DS1000-125 DALLAS-DS1000-125 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
More results

Similar Description - DS1005S-75

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Dallas Semiconductor
DS1004 DALLAS-DS1004 Datasheet
54Kb / 6P
   5-Tap High Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1004 MAXIM-DS1004 Datasheet
59Kb / 6P
   5-Tap High Speed Silicon Delay Line
092500
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
logo
Data Delay Devices, Inc...
1518-5-10T1 DATADELAY-1518-5-10T1 Datasheet
27Kb / 2P
   5-TAP SMD DELAY LINE
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com