Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1023-100 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1023-100
Description  8-Bit Programmable Timing Element
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1023-100 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1023-100 Datasheet HTML 7Page - Dallas Semiconductor DS1023-100 Datasheet HTML 8Page - Dallas Semiconductor DS1023-100 Datasheet HTML 9Page - Dallas Semiconductor DS1023-100 Datasheet HTML 10Page - Dallas Semiconductor DS1023-100 Datasheet HTML 11Page - Dallas Semiconductor DS1023-100 Datasheet HTML 12Page - Dallas Semiconductor DS1023-100 Datasheet HTML 13Page - Dallas Semiconductor DS1023-100 Datasheet HTML 14Page - Dallas Semiconductor DS1023-100 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS1023
11 of 16
AC ELECTRICAL CHARACTERISTICS –
DS1023-050 Delay Specifications
(TA= 0
°°°°C to 70°°°°C; V
CC = 5V
±±±±====5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Step Zero Delay
-absolute
-wrt REF
tD0
tDREF0
-2
16.5
-1.5
22
0
ns
ns
1, 13
2, 14
Reference Delay
tREF
18
22
ns
3, 13
Delay Step Size
tSTEP
0
0.5
1.5
ns
4
Maximum Delay
-absolute
-wrt REF
tDMAX
tDREF
139
123
144
127.5
154
132
ns
ns
5, 13
6, 14
Delay Matching, Rising Edge
to Falling Edge
-1
+1
ns
15
Integral Non-linearity
(deviation from straight line)
terr
-2
0
+2
ns
7
OUT
Delta Delay
tINV0
01
2
ns
8
IN High to PWM High
tPWM0
16.5
22
ns
9, 13
Minimum PWM Output
Pulse Width
tPWM
5ns
10
Minimum Input Pulse Width
tWI
20
ns
11
Minimum Input Period
40
ns
12
Input Rise and Fall Times
tr, tf
01
µs
16
AC ELECTRICAL CHARACTERISTICS –
DS1023-100 Delay Specifications
(TA = 0
°°°°C – 70°°°°C; V
CC = 5V
±±±±====5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Step Zero Delay
-absolute
-wrt REF
tD0
tDREF0
-2
16.5
-1.5
22
0
ns
ns
1, 13
2, 14
Reference Delay
tREF
18
22
ns
3, 13
Delay Step Size
tSTEP
0
1
1.5
ns
4
Maximum Delay
-absolute
-wrt REF
tDMAX
tDREF
262
247
272
255
285
263
ns
ns
5, 13
6, 14
Delay Matching, Rising Edge
to Falling Edge
-1
+1
ns
15
Integral Non-linearity
(deviation from straight line)
terr
-4
0
+4
ns
7
OUT
Delta Delay
tINV0
01
2
ns
8
IN High to PWM High
tPWM0
16.5
22
ns
9, 13
Minimum PWM Output
Pulse Width
tPWM
5ns
10
Minimum Input Pulse Width
tWI
20
ns
11
Minimum Input Period
40
ns
12
Input Rise and Fall Times
tr, tf
01
µs
16


Similar Part No. - DS1023-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
logo
Dallas Semiconductor
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
More results

Similar Description - DS1023-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
DS1124 MAXIM-DS1124 Datasheet
142Kb / 9P
   5.0V 8-Bit Programmable Timing Element
Rev 0; 7/07
logo
Dallas Semiconductor
DS1123L DALLAS-DS1123L Datasheet
172Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
logo
Maxim Integrated Produc...
DS1124 MAXIM-DS1124_09 Datasheet
148Kb / 10P
   5.0V 8-Bit Programmable Timing Element
Rev 1; 4/09
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
   8-Bit Programmable
logo
Maxim Integrated Produc...
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
Dallas Semiconductor
DS1100 DALLAS-DS1100 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com