Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN11514 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN11514
Description  115MHz SAW Filter 26MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN11514 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN11514 Datasheet HTML 1Page - SIPAT Co,Ltd LBN11514 Datasheet HTML 2Page - SIPAT Co,Ltd LBN11514 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN11514
Rev. Date
2006-9-28
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
115MHz SAW Filter
26MHz Bandwidth
Part Number: LBN11514
Typical Performance
Frequency Respond
Passband Respond
65
75
85
95
105
115
125
135
145
155
165
-104.7422
-94.7422
-84.7422
-74.7422
-64.7422
-54.7422
-44.7422
-34.7422
-24.7422
100
105
110
115
120
125
130
-27
-26.5
-26
-25.5
-25
-24.5
-24
-23.5
-23
-22.5
Group Delay Variation(f0±12.5MHz)
Phase Linearity(f0±12.5MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBN11514

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11514 SIPAT-LBN11514 Datasheet
138Kb / 3P
   115MHz SAW Filter 26MHz Bandwidth
More results

Similar Description - LBN11514

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11514 SIPAT-LBN11514 Datasheet
138Kb / 3P
   115MHz SAW Filter 26MHz Bandwidth
LBN10707 SIPAT-LBN10707 Datasheet
153Kb / 3P
   107MHz SAW Filter 26MHz Bandwidth
LBN10709 SIPAT-LBN10709 Datasheet
150Kb / 3P
   107MHz SAW Filter 26MHz Bandwidth
LBN57901 SIPAT-LBN57901 Datasheet
363Kb / 3P
   579MHz SAW Filter 26MHz Bandwidth
LBN08038 SIPAT-LBN08038 Datasheet
151Kb / 3P
   80MHz SAW Filter 26MHz Bandwidth
LBN10707 SIPAT-LBN10707 Datasheet
165Kb / 3P
   107MHz SAW Filter 26MHz Bandwidth
LBN57901 SIPAT-LBN57901 Datasheet
363Kb / 3P
   579MHz SAW Filter 26MHz Bandwidth
LBN140A69 SIPAT-LBN140A69 Datasheet
176Kb / 3P
   140MHz SAW Filter 26MHz Bandwidth
LBN10709 SIPAT-LBN10709 Datasheet
150Kb / 3P
   107MHz SAW Filter 26MHz Bandwidth
LBT93002 SIPAT-LBT93002 Datasheet
198Kb / 3P
   930MHz SAW Filter 26MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com