Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXC7-PW65-0000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MXC7-PW65-0000
Description  LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXC7-PW65-0000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MXC7-PW65-0000 Datasheet HTML 1Page - List of Unclassifed Manufacturers MXC7-PW65-0000 Datasheet HTML 2Page - List of Unclassifed Manufacturers MXC7-PW65-0000 Datasheet HTML 3Page - List of Unclassifed Manufacturers MXC7-PW65-0000 Datasheet HTML 4Page - List of Unclassifed Manufacturers MXC7-PW65-0000 Datasheet HTML 5Page - List of Unclassifed Manufacturers MXC7-PW65-0000 Datasheet HTML 6Page - List of Unclassifed Manufacturers MXC7-PW65-0000 Datasheet HTML 7Page - List of Unclassifed Manufacturers MXC7-PW65-0000 Datasheet HTML 8Page - List of Unclassifed Manufacturers MXC7-PW65-0000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LUXEON35352DDatasheetDS20420140327©2014PhilipsLumiledsLightingCompany.
3
Product Selection
ProductSelectionforMid-PowerLEDs
SolderPadTemperature=25°C,TestCurrent=100mA
Table 1.
Nominal
CCT
Part
Number
Minimum CRI
Typical CRI
R9
Min Luminous
Flux (lm)
ɸ
V
Typ Luminous
Flux (lm)
ɸ
V
2700K
MXC8-PW27-0000
80
82
R9>0
55
69
MXC9-PW27-1111
85
90
R9>50
50
62
MXC9-PW27-0000
90
92
R9>50
50
61
3000K
MXC8-PW30-0000
80
82
R9>0
55
72
MXC9-PW30-1111
85
90
R9>50
50
63
MXC9-PW30-0000
90
92
R9>50
50
62
3500K
MXC8-PW35-0000
80
82
R9>0
55
69
MXC9-PW35-0000
85
90
typ50
50
62
4000K
MXC7-PW40-0000
70
72
-
70
77
MXC8-PW40-0000
80
82
R>0
60
73
MXC9-PW40-0000
85
90
typ50
55
65
5000K
MXC7-PW50-0000
70
72
-
70
77
MXC8-PW50-0000
80
82
R>0
60
75
5700K
MXC7-PW57-0000
70
72
-
70
77
MXC8-PW57-0000
80
82
R>0
60
73
6500K
MXC7-PW65-0000
70
72
-
70
77
MXC8-PW65-0000
80
82
R9>0
60
73
Note for Table 1:
1. PhilipsLumiledsmaintainsatoleranceof±7.5%onluminousfluxand±2onCRImeasurements.
Optical Characteristics
OpticalCharacteristicsofMid-PowerLEDs
SolderPadTemperature=25°C,TestCurrent=100mA
Table 2.
Nominal
CCT
Color Temperature CCT
Typical Total
Included Angle [1]
(degrees) u
0.90V
Typical
Viewing Angle [2]
(degrees) 2u ½
Minimum
Typical
Maximum
2700K
2550K
2700K
2850K
150
115
3000K
2850K
3000K
3200K
150
115
3500K
3200K
3500K
3750K
150
115
4000K
3750K
4000K
4250K
150
115
5000K
4700K
5000K
5300K
150
115
5700K
5300K
5700K
6000K
150
115
6500K
6000K
6500K
7000K
150
115
Notes for Table 2:
1. Totalangleatwhich90%oftotalluminousfluxiscaptured.
2. Viewingangleistheoffaxisanglefromlampcenterlinewheretheluminousintensityis½ofthepeakvalue.


Similar Part No. - MXC7-PW65-0000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXC7-PW65-0000 LUMILEDS-MXC7-PW65-0000 Datasheet
2Mb / 34P
   High flux in a 3535 package with full range of CCTs and CRIs
More results

Similar Description - MXC7-PW65-0000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXM8-PW27-0000 LUMILEDS-MXM8-PW27-0000 Datasheet
3Mb / 27P
   LUXEON 3535 Mid-Power LEDs
MXA8-PW22-0000 LUMILEDS-MXA8-PW22-0000 Datasheet
2Mb / 28P
   LUXEON 3535L Mid-Power LEDs
MXL8-PW27-0000 LUMILEDS-MXL8-PW27-0000 Datasheet
2Mb / 26P
   LUXEON 5630 Mid-Power LEDs
logo
List of Unclassifed Man...
LXZ1-PM01 ETC2-LXZ1-PM01_14 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
MXC8-PW27-0000 LUMILEDS-MXC8-PW27-0000 Datasheet
1Mb / 25P
   High efficacy for sustainable design Compact 3535 2D package
logo
Inolux Corporation
IN-C33XTLX INOLUX-IN-C33XTLX Datasheet
1Mb / 15P
   3535 High Power LED
logo
List of Unclassifed Man...
SJ-3535 ETC1-SJ-3535 Datasheet
30Kb / 1P
   SJ-3535
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
logo
Ledil, Inc.
C16520 LEDIL-C16520 Datasheet
5Mb / 5P
   ~25째 beam with more space for 3535 HP LEDs
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com