Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1T2-3085000000000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # L1T2-3085000000000
Description  Extreme efficacy that will transform your next market leading luminaire
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L1T2-3085000000000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  L1T2-3085000000000 Datasheet HTML 1Page - List of Unclassifed Manufacturers L1T2-3085000000000 Datasheet HTML 2Page - List of Unclassifed Manufacturers L1T2-3085000000000 Datasheet HTML 3Page - List of Unclassifed Manufacturers L1T2-3085000000000 Datasheet HTML 4Page - List of Unclassifed Manufacturers L1T2-3085000000000 Datasheet HTML 5Page - List of Unclassifed Manufacturers L1T2-3085000000000 Datasheet HTML 6Page - List of Unclassifed Manufacturers L1T2-3085000000000 Datasheet HTML 7Page - List of Unclassifed Manufacturers L1T2-3085000000000 Datasheet HTML 8Page - List of Unclassifed Manufacturers L1T2-3085000000000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LUXEONTXDatasheetDS13320140224©2014PhilipsLumiledsLightingCompany.
4
Optical Characteristics
LUXEONTXat700mA,JunctionTemperature=85°C
Table 2.
Base Part Number
Nominal ANSI
CCT
Color Temperature
CCT
Typical Total
Included Angle [2]
(degrees) u
0.90V
Typical
Viewing Angle [3]
(degrees) 2u ½
Typical
L1T2-2780000000000
L1T2-2785000000000
L1T2-2790000000000
2700K
2725K
160
120
L1T2-3070000000000
L1T2-3080000000000
L1T2-3085000000000
L1T2-3090000000000
3000K
3045K
160
120
L1T2-3580000000000
L1T2-3585000000000
3500K
3465K
160
120
L1T2-4070000000000
L1T2-4080000000000
L1T2-4085000000000
4000K
3985K
160
120
L1T2-5070000000000
L1T2-5080000000000
L1T2-5085000000000
5000K
5028K
160
120
L1T2-5770000000000
5700K
5665K
160
120
L1T2-6570000000000
6500K
6530K
160
120
Notes for Table 2:
1. Testcurrentis700mAD.C.forallL1T2-xxyy000000000emitters.
2. Totalangleatwhich90%oftotalluminousfluxiscaptured.
3. Viewingangleistheoffaxisanglefromlampcenterlinewheretheluminousintensityis½ofthepeakvalue.


Similar Part No. - L1T2-3085000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1T2-3085000000000 LUMILEDS-L1T2-3085000000000 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
L1T2-3085000000000 LUMILEDS-L1T2-3085000000000 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
L1T2-3085000000000 LUMILEDS-L1T2-3085000000000 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
More results

Similar Description - L1T2-3085000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1T2-3070000000000 LUMILEDS-L1T2-3070000000000 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
L130-2780HB30000B1 LUMILEDS-L130-2780HB30000B1 Datasheet
2Mb / 22P
   Industry leading efficacy, 3V 3030 package
20210120
DS133 LUMILEDS-DS133 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
PB133 LUMILEDS-PB133 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
logo
List of Unclassifed Man...
LXML-PWC2 ETC1-LXML-PWC2 Datasheet
2Mb / 33P
   Leading efficacy and light output, maximum design flexibility
logo
Texas Instruments
PCM5100APWR TI-PCM5100APWR Datasheet
1Mb / 35P
[Old version datasheet]   Market-Leading Low Out-of-Band Noise, Integrated Negative Charge Pump
logo
List of Unclassifed Man...
PA8000 ETC2-PA8000 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
logo
Lumileds Lighting Compa...
L135-27800BHV00001 LUMILEDS-L135-27800BHV00001 Datasheet
2Mb / 21P
   High voltage package that reduces system BOM while achieving high efficacy
logo
InnovASIC, Inc
IA64250 INNOVASIC-IA64250_08 Datasheet
481Kb / 24P
   Histogram/Hough Transform Processor
logo
List of Unclassifed Man...
FAS2700 ETC-FAS2700 Datasheet
383Kb / 4P
   NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com