Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXZ1-PA01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LXZ1-PA01
Description  LUXEON Z Color Protfolio
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXZ1-PA01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LXZ1-PA01 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LUXEON Z DS105 ©2014 Philips Lumileds Lighting Company.
Features
Benefits
Key Applications
• 2.2 mm2 micro footprint
• Undomed
• Tested and Binned at 500 mA
• Up to 1A max drive current
• Up to 150°C max T
j
• Industry’s leading lm/mm2 for high flux
density solutions
• Highest degree of design flexibility
• Superior color mixing and beam
control through choice of optics
• Enables customizable light sources:
linear, rectangular, circular.
• Architecture
- Entertainment
- Studio
• Lamps
- Remote Phosphor
• Specialty
- Emergency Vehicle
LUXEON Z
Color Portfolio
Introduction
LUXEON® Z is a broad portfolio of color and white LEDs that enable never
before seen lumen density, flexibility and freedom of design. Available in the full
spectrum of colors from 440nm to 670nm and a complete selection of white
color temperatures, LUXEON Z is ideal for entertainment/stage lighting, indoor
and outdoor architectural lighting, emergency vehicle lighting, remote phosphor
applications and a wide variety of specialty lighting applications.


Similar Part No. - LXZ1-PA01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXZ1-PA01 LUMILEDS-LXZ1-PA01 Datasheet
2Mb / 25P
   High power color LEDs in a micro footprint package for ultimate design flexibility
LXZ1-PA01 LUMILEDS-LXZ1-PA01 Datasheet
1Mb / 2P
   High power color LEDs in a micro footprint package for ultimate design flexibility
logo
List of Unclassifed Man...
LXZ1-PA01-0250 ETC2-LXZ1-PA01-0250 Datasheet
1Mb / 28P
   Color and White LED Portfolio
LXZ1-PA01-0300 ETC2-LXZ1-PA01-0300 Datasheet
1Mb / 28P
   Color and White LED Portfolio
LXZ1-PA01-0350 ETC2-LXZ1-PA01-0350 Datasheet
1Mb / 28P
   Color and White LED Portfolio
More results

Similar Description - LXZ1-PA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
MXC8-PW27-0000 ETC2-MXC8-PW27-0000_14 Datasheet
2Mb / 26P
   LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Seoul Semiconductor
F50360 SEOUL-F50360 Datasheet
530Kb / 19P
   Full color Z-Power LED
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com