Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXZ2-5070 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LXZ2-5070
Description  LUXEON Z LUXEON Z ES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXZ2-5070 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LXZ2-5070 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXZ2-5070 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXZ2-5070 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXZ2-5070 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXZ2-5070 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXZ2-5070 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXZ2-5070 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXZ2-5070 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXZ2-5070 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LUXEON Z and LUXEON Z ES Datasheet DS120 20140326 ©2014 Philips Lumileds Lighting Company.
4
ProductSelectionforLUXEONZEmitters
JunctionTemperature=85°C
Table 3. LUXEON Z
Part
Number
Nominal
CCT
Min
CRI
500 mA
700 mA
1A
Min.
Flux
(lm)
Typical
Flux (lm)
Typical Vf
(V)
Typical
Efficacy
(lm/W)
Typical
Flux (lm)
Typical Vf
(V)
Typical
Efficacy
(lm/W)
Typical
Flux (lm)
Typical Vf
(V)
Typical
Efficacy
(lm/W)
LXZ1-2780-y
2700K
80
100
115
2.80
82
147
2.85
74
191
2.89
66
LXZ1-3080-y
3000K
80
110
124
2.80
89
159
2.85
80
206
2.89
71
LXZ1-3580-y
3500K
80
110
124
2.80
89
159
2.85
80
206
2.89
71
LXZ1-4080-y
4000K
80
120
130
2.80
93
166
2.85
83
216
2.89
75
LXZ1-4070
4000K
70
120
134
2.80
96
172
2.85
86
223
2.89
77
LXZ1-5070
5000K
70
130
148
2.80
106
189
2.85
95
246
2.89
85
LXZ1-5770
5700K
70
140
152
2.80
109
195
2.85
98
253
2.89
88
LXZ1-6565
6500K
65
140
154
2.80
110
197
2.85
99
256
2.89
89
Notes for Table 3:
1.AllLUXEONZemittersabovearetestedandbinnedat500mA/85°C.
2.PhilipsLumiledsmaintainsatoleranceof±6.5%onluminousfluxand±2onCRImeasurements.
3.Inthepartnumberthe-yisthedesignationforthecolorrequirement.On80CRIversions-3designates3SDCMand-5designates5SDCM.70CRIpartsorlowerwillnothaveaSDCM
designationandallpartsarebinnedwithina5stepSDCM.
Optical Characteristics
LUXEONZESatTestCurrent700mA,JunctionTemperature85°C
&LUXEONZatTestCurrent500mA,JunctionTemperature85°C
Table 4.
Nominal ANSI
CCT
Color Temperature
CCT Typical
Typical Total Included
Angle1 (degrees) u
0.90V
Typical Viewing
Angle2 (degrees)
2u 1/2
2200K
2230K
160
120
2700K
2725K
160
120
3000K
3045K
160
120
3500K
3465K
160
120
4000K
3985K
160
120
5000K
5028K
160
120
5700K
5665K
160
120
6500K
6250K
160
120
Notes for Table 4:
1.Totalangleatwhich90%oftotalluminousfluxiscaptured.
2.Viewingangleistheoffaxisanglefromlampcenterlinewheretheluminousintensityis½ofthepeakvalue.


Similar Part No. - LXZ2-5070

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXZ2-5070 LUMILEDS-LXZ2-5070 Datasheet
2Mb / 23P
   Breakthrough luminance, design flexibility
LXZ2-5070 LUMILEDS-LXZ2-5070 Datasheet
2Mb / 20P
   Extreme flux density in a micro footprint package for precise optical control
LXZ2-5070 LUMILEDS-LXZ2-5070 Datasheet
1Mb / 2P
   Extreme flux density in a micro footprint package for precise optical control
More results

Similar Description - LXZ2-5070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ1-PM01 ETC2-LXZ1-PM01_14 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
logo
Lumileds Lighting Compa...
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
logo
Ledil, Inc.
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Ledil, Inc.
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com