Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC0603X5R475K16TRPF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NMC0603X5R475K16TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC0603X5R475K16TRPF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NMC0603X5R475K16TRPF Datasheet HTML 1Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 2Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 3Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 4Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 5Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 6Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 7Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 8Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NMC High CV Series
Multilayer Ceramic Chip Capacitors
FEATURES
• X7R, X5R AND Y5V DIELECTRICS
• HIGH CAPACITANCE DENSITY
• ULTRA LOW ESR & ESL
• EXCELLENT MECHANICAL STRENGTH
• NICKEL BARRIER TERMINATIONS
• RoHS COMPLIANT
• SAC SOLDER COMPATIBLE*
NMC 0603 Y5V 105 Z 25 TRP or TRPLP 3K F
RoHS Compliant
Optional Reel Qty (3K = 3,000pcs)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Punched carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros
Temperature Characteristic (X7R, X5R OR Y5V)
Size Code (see chart)
Series
PART NUMBER SYSTEM
*Reflow soldering is recommended. Contact NIC regarding the use of other soldering methods.
Typical ESR versus Frequency
Typical Capacitance versus Bias Voltage
*See Part Number System for Details
Temperature Coefficient
X7R
X5R
Y5V
Capacitance Range
1.0
μF ~ 47μF
1.0
μF ~ 100μF
1.0
μF ~ 100μF
Capacitance Tolerance
10% (K) & 20% (M)
10% (K) & 20% (M)
+80%/-20% (Z)
Operating Temperature Range
-55°C ~ +125°C
-55°C ~ +85°C
-30°C ~ +85°C
Temperature Characteristics
±15%
Δ Cap.
±15%
Δ Cap.
+22%, -82%
Δ Cap.
Rated Voltages
4Vdc, 6.3Vdc, 16Vdc, 25Vdc, 35Vdc, 50Vdc & 100Vdc
Dissipation Factor
See Part Number and Specificaitons Tables
insulation Resistance
Dielectric Withstanding Voltage
250% of Rated Voltage for 5 ± 1 sec., 50mA max.
150% of Rated Voltage for 5 ± 1 sec., 50mA max.
Test Conditions (EIA-198-2E)
C < 10
μF 1KHz, 1.0V ±0.2Vrms (ALC on)
C > 10
μF 120Hz, 0.5V ±0.2Vrms (ALC on)
1KHz, 1.0V ±0.1Vrms (ALC on)
RoHS
Compliant
Includes all homogeneous materials
Capacitance value stability over applied VDC is not assured for class II MLCC (X7R, X5R & Y5V) and it is suggested to consider
to use NPO MLCCs Ceramic Capacitors, Film Capacitors or Electrolytic Capacitors for applications where stability in capacitance
value, over applied VDC, is performance requirement.
For additional information go to: http://www.niccomp.com/help/VoltageCoefficientofCapacitors-032012-R1.pdf.


Similar Part No. - NMC0603X5R475K16TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC0603X5R475K16TRPF NIC-NMC0603X5R475K16TRPF Datasheet
157Kb / 11P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC0603X5R475K16TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com