Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSHC683J100TRE5F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NSHC683J100TRE5F
Description  Stacked Film Capacitor Chips
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSHC683J100TRE5F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NSHC683J100TRE5F Datasheet HTML 1Page - NIC-Components Corp. NSHC683J100TRE5F Datasheet HTML 2Page - NIC-Components Corp. NSHC683J100TRE5F Datasheet HTML 3Page - NIC-Components Corp. NSHC683J100TRE5F Datasheet HTML 4Page - NIC-Components Corp. NSHC683J100TRE5F Datasheet HTML 5Page - NIC-Components Corp. NSHC683J100TRE5F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Stacked Film Capacitor Chips
NSHC 100V Series
FEATURES
• STACKED METALLIZED POLYPHENYLENE SULFIDE (PPS) FILM
• STANDARD EIA 1913, 2416, 2820 AND 2825 SIZES
• WIDE TEMPERATURE RANGE UP TO +105OC
• HIGH HEAT AND MOISTURE RESISTANT
• VERY STABLE TEMPERATURE, FREQUENCY, VOLTAGE, BIAS AND
nDIELECTRIC ABSORPTION CHARACTERISTICS
• SUITABLE FOR REFLOW SOLDERING
• TAPE AND REEL PACKAGING
ENVIRONMENTAL CHARACTERISTICS
RECOMMENDED LAND
PATTERN (mm)
A
B
NSHC IS
RECOMMENDED
FOR NEW DESIGNS
SPECIFICATIONS
Case Sizes
1913
2416
2820
2825
Capacitance Range
0.01 ~ 0.027
μF
0.033 ~ .068
μF
0.082 ~ 0.12
μF
0.015 ~ 0.22
μF
Voltage Ratings
100Vdc (40Vrms) max.
Capacitance Tolerance
±5% Std, ±2% Opt.
Temperature Range
-55°C ~ +105°C
Dissipation Factor (20°C)
0.6% max. @ 1KHz
Insulation Resistance (20°C)
3 Gigohms Minimum
Dielectric Withstanding Voltage
150% of Rated Voltage 60 Seconds
Temperature Characteristic
±1%
ΔC Maximum Over Temperature Range Typical
Dielectric Absorption
0.05 ~ 0.10% Typical
Life Test At +105°C
1,000 Hours at 125% of
Rated Voltage
Capacitance Change
Within ±2% of Initial Value
Dissipation Factor
0.66% Maximum
Insulation Resistance
1 Gigohm Minimum
Resistance to Soldering Heat
+260°C Peak
Capacitance Change
Within ±3% of Initial Value
Dissipation Factor
0.66% Maximum
Insulation Resistance
1 Gigohm Minimum
Humidity Load Life:
1000 Hours, +40°C/95% RH
Capacitance Change
Within ±3% of initial value
Dissipation Factor
0.90% maximum @ 1KHz
Insulation Resistance
1 Gigohm minimum
Dielectric Withstanding
130% of rated voltage for 60 seconds
Solderability with
25% Wt Rosin-Methanol Flux
90% Minimum Coverage After 2.5 Second Dip into 255°C Solder Pot
EIA Size
A
B
C
1913
2.6
6.6
3.0
2416
3.8
7.8
3.8
2820
4.5
9.0
4.6
2825
4.5
9.0
5.7
Solder within 6 year. Storage at +35°C and 85% RH
RECOMMENDED REFLOW PROFILE
(maximum 2 times)
Peak Temperature 260°C
+250°C 30 sec. max.
50
100
150
200
250
300
Time
Pre-heat
150°C ~ 180°C
150 sec. max.
25
0
Cool Down
Time above 220°C
90 sec. max.
Ramp-up
25°C ~ 150°C
90 sec. max.
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NSHC683J100TRE5F

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
NSH JST-NSH Datasheet
638Kb / 4P
   NSH CONNECTOR 1.0 mm pitch/Disconnectable Crimp style connectors
logo
NIHON DEMPA KOGYO
NSH03A03L NDK-NSH03A03L Datasheet
151Kb / 1P
   Maximum Ratings
logo
Kyocera Kinseki Corpota...
NSH03A03L KSS-NSH03A03L Datasheet
1Mb / 7P
   Schottky Barrier Diode
logo
National Instruments Co...
NSH03A03L NI-NSH03A03L_15 Datasheet
151Kb / 1P
   SBD
logo
NIHON DEMPA KOGYO
NSH03A04 NDK-NSH03A04 Datasheet
149Kb / 1P
   Maximum Ratings
More results

Similar Description - NSHC683J100TRE5F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWC NIC-NSWC Datasheet
99Kb / 3P
   Stacked Film Capacitor Chips
NSPU NIC-NSPU Datasheet
55Kb / 2P
   Stacked Film Capacitor Chips
NSMX NIC-NSMX Datasheet
53Kb / 3P
   Wound Metalized PPS Film Capacitor Chips
logo
Panasonic Semiconductor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com