Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSHC183J100TRD2F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NSHC183J100TRD2F
Description  Stacked Film Capacitor Chips
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSHC183J100TRD2F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NSHC183J100TRD2F Datasheet HTML 1Page - NIC-Components Corp. NSHC183J100TRD2F Datasheet HTML 2Page - NIC-Components Corp. NSHC183J100TRD2F Datasheet HTML 3Page - NIC-Components Corp. NSHC183J100TRD2F Datasheet HTML 4Page - NIC-Components Corp. NSHC183J100TRD2F Datasheet HTML 5Page - NIC-Components Corp. NSHC183J100TRD2F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Stacked Film Capacitor Chips
NSHC Series
TAPE AND REEL DIMENSIONS (mm)
21.0
±0.8
17.4
±1.0
13.4
±1.0
2.0
±0.5
13.0
±0.5
EMBOSSED PLASTIC CARRIER
1.5 +0.1
-0
P
t
C
A
4.0 ±0.1
D
Case Code
A±0.1
B±0.1
C±0.2
t ± 0.05
W±0.3
F ± 0.05
P±0.1
D+0.2/-0
E ± 2.0
Qty/Reel
J1
1.00
1.85
1.0
0.20
8.0
3.50
4.0
-
180
4,000
A1
1.55
2.3
1.3
0.25
8.0
3.50
4.0
1.0
180
3,000
A2
1.55
2.3
1.3
0.25
8.0
3.50
4.0
1.0
180
3,000
B1
1.9
3.5
1.5
0.25
8.0
3.50
4.0
1.0
180
3,000
B2
1.9
3.5
1.5
0.25
8.0
3.50
4.0
1.0
180
3,000
B3
1.9
3.5
1.9
0.25
8.0
3.50
4.0
1.0
180
2,000
C2
2.8
3.5
1.9
0.25
8.0
3.50
4.0
1.0
180
2,000
C3
2.8
3.5
2.5
0.25
8.0
3.50
4.0
1.0
180
2,000
D5
3.8
5.1
2.0
0.30
12.0
5.50
8.0
1.5
330
3,000
D6
3.8
5.1
2.6
0.30
12.0
5.50
8.0
1.5
330
3,000
E6
4.6
6.3
2.7
0.30
12.0
5.50
8.0
-
330
3,000
E7
4.6
6.3
3.5
0.30
12.0
5.50
8.0
-
330
2,000
E8
4.6
6.3
3.5
0.30
12.0
5.50
8.0
-
330
2,000
NSHC 103 J 16 TR A2 F
RoHS compliant
Size Code
Tape & Reel
Voltage
Tolerance Code: J=±5%, G=±2%
Capacitance in pF, 1st two digits are
significant, 3rd digit is no. of zeros
Series
PART NUMBER SYSTEM


Similar Part No. - NSHC183J100TRD2F

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
NSH JST-NSH Datasheet
638Kb / 4P
   NSH CONNECTOR 1.0 mm pitch/Disconnectable Crimp style connectors
logo
NIHON DEMPA KOGYO
NSH03A03L NDK-NSH03A03L Datasheet
151Kb / 1P
   Maximum Ratings
logo
Kyocera Kinseki Corpota...
NSH03A03L KSS-NSH03A03L Datasheet
1Mb / 7P
   Schottky Barrier Diode
logo
National Instruments Co...
NSH03A03L NI-NSH03A03L_15 Datasheet
151Kb / 1P
   SBD
logo
NIHON DEMPA KOGYO
NSH03A04 NDK-NSH03A04 Datasheet
149Kb / 1P
   Maximum Ratings
More results

Similar Description - NSHC183J100TRD2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWC NIC-NSWC Datasheet
99Kb / 3P
   Stacked Film Capacitor Chips
NSPU NIC-NSPU Datasheet
55Kb / 2P
   Stacked Film Capacitor Chips
NSMX NIC-NSMX Datasheet
53Kb / 3P
   Wound Metalized PPS Film Capacitor Chips
logo
Panasonic Semiconductor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com