Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPH683100V1210TRF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NSPH683100V1210TRF
Description  Multilayer Acrylic Polymer Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPH683100V1210TRF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NSPH683100V1210TRF Datasheet HTML 1Page - NIC-Components Corp. NSPH683100V1210TRF Datasheet HTML 2Page - NIC-Components Corp. NSPH683100V1210TRF Datasheet HTML 3Page - NIC-Components Corp. NSPH683100V1210TRF Datasheet HTML 4Page - NIC-Components Corp. NSPH683100V1210TRF Datasheet HTML 5Page - NIC-Components Corp. NSPH683100V1210TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NSPH Series
High Temperature Load Life Test
(Typical Performance)
- 20.00
- 15.00
- 10.00
-5.00
0.00
5.00
10.00
- 100
- 50
0
50
100
150
温度(℃)
35ST475
35ST685
35ST106
MLCC(B, 50V/ 475)
MLCC(X7R, 50V/ 475)
MLCC(B,50V/475)
MLCC(B,50V/475)
MLCC(X7R,50V/475)
NSPH475M35V1812F
NSPH685M35V2220F
NSPH106M35V2220F
NSPH685M35V2220F
NSPH475M35V1812F
NSPH106M35V2220F
MLCC(X7R,50V/475)
Temperature (
)
-100
-50
0
50
100
150
-20
-15
-20
-10
-5
0
+5
+10
Typical Capacitance vs. Temperature
(NSPH vs. MLCC)
Typical ESR & Z vs. Frequency
(NSPH vs. MLCC)
1. Self-heating temperature rise due to current should
not exceed 10°C
2. Contact NIC top review your circuit requirements:
tpmg@niccomp.com
NSPH475M35V (Z)
NSPH685M35V (Z)
NSPH106M35V (Z)
MLCC 475, 50V (Z)
NSPH475M35V (ESR)
NSPH685M35V (ESR)
NSPH106M35V (ESR)
MLCC 475, 50V (ESR)
Permissible Current
(Arms)
NSPH684M50V1210TRF
NSPH334M50V1206TRF
NSPH104M50V1206TRF
1.5
1.0
0.5
0.0
10
100
1000
Frequency [kHz]
NSPH684M50V1210TRF
NSPH334M50V1206TRF
NSPH104M50V1206TRF
Multilayer Acrylic Polymer Film Capacitors


Similar Part No. - NSPH683100V1210TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Mean Well Enterprises C...
NSP-1600 MEANWELL-NSP-1600 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-12 MEANWELL-NSP-1600-12 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-24 MEANWELL-NSP-1600-24 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-36 MEANWELL-NSP-1600-36 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
More results

Similar Description - NSPH683100V1210TRF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCA1206A105M-H3 CDE-FCA1206A105M-H3 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCA1210C105M ETC2-FCA1210C105M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
FCA0805C104M ETC2-FCA0805C104M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Cornell Dubilier Electr...
FCA CDE-FCA Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
logo
3M Electronics
1218 3M-1218 Datasheet
536Kb / 2P
   Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
DP-820 3M-DP-820 Datasheet
32Kb / 8P
   Acrylic Adhesives
logo
Roithner LaserTechnik G...
LC7 ROITHNER-LC7 Datasheet
60Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7020-2C ROITHNER-GS-7020-2C Datasheet
47Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7021 ROITHNER-GS-7021 Datasheet
44Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
LC3 ROITHNER-LC3 Datasheet
41Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com