Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMCM0402NPO100C50TRPF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NMCM0402NPO100C50TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMCM0402NPO100C50TRPF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NMCM0402NPO100C50TRPF Datasheet HTML 1Page - NIC-Components Corp. NMCM0402NPO100C50TRPF Datasheet HTML 2Page - NIC-Components Corp. NMCM0402NPO100C50TRPF Datasheet HTML 3Page - NIC-Components Corp. NMCM0402NPO100C50TRPF Datasheet HTML 4Page - NIC-Components Corp. NMCM0402NPO100C50TRPF Datasheet HTML 5Page - NIC-Components Corp. NMCM0402NPO100C50TRPF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC PART NUMBER
CAPACITANCE
VALUE (pF)
AVAILABLE
TOLERANCE
Q FACTOR
(MIN. @ 1GHz)
ESR
Ω
(@ 1GHz)*
NMC-M0402NPO0R1B50TRPF
0.1
B
300
2.112
NMC-M0402NPO0R2B50TRPF
0.2
B
300
1.324
NMC-M0402NPO0R3B50TRPF
0.3
B
300
0.911
NMC-M0402NPO0R4B50TRPF
0.4
B
300
0.884
NMC-M0402NPO0R5B50TRPF
0.5
B
300
0.851
NMC-M0402NPO0R6B50TRPF
0.6
B
300
0.751
NMC-M0402NPO0R7B50TRPF
0.7
B
300
0.723
NMC-M0402NPO0R8B50TRPF
0.8
B
300
0.679
NMC-M0402NPO0R9B50TRPF
0.9
B
300
0.659
NMC-M0402NPO1R0B50TRPF
1.0
B
300
0.652
NMC-M0402NPO1R1B50TRPF
1.1
B
300
0.584
NMC-M0402NPO1R2B50TRPF
1.2
B
250
0.481
NMC-M0402NPO1R3B50TRPF
1.3
B
250
0.453
NMC-M0402NPO1R5B50TRPF
1.5
B
350
0.422
NMC-M0402NPO1R6B50TRPF
1.6
B
250
0.422
NMC-M0402NPO1R8B50TRPF
1.8
B
250
0.399
NMC-M0402NPO2R0B50TRPF
2.0
B
200
0.356
NMC-M0402NPO2R2B50TRPF
2.2
B
200
0.354
NMC-M0402NPO2R4B50TRPF
2.4
B
200
0.321
NMC-M0402NPO2R7B50TRPF
2.7
B
200
0.322
NMC-M0402NPO3R0B50TRPF
3.0
B
200
0.321
NMC-M0402NPO3R3C50TRPF
3.3
C
200
0.288
NMC-M0402NPO3R9C50TRPF
3.9
C
180
0.244
NMC-M0402NPO4R7C50TRPF
4.7
C
150
0.218
NMC-M0402NPO5R6C50TRPF
5.6
C
150
0.201
NMC-M0402NPO6R8C50TRPF
6.8
C
150
0.201
NMC-M0402NPO8R2C50TRPF
8.2
C
100
0.203
NMC-M0402NPO100C50TRPF
10
C
100
0.202
NMC-M0402NPO120J50TRPF
12
J
60
0.165
NMC-M0402NPO150J50TRPF
15
J
40
0.149
NMC-M0402NPO180J50TRPF
18
J
40
0.138
NMC-M0402NPO220J50TRPF
22
J
40
0.121
*Typical ESR
NMC-M Series
0402 50 VOLT STANDARD VALUES AND CHARACTERISTICS
Multilayer Ceramic Chip Capacitors


Similar Part No. - NMCM0402NPO100C50TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMCM NIC-NMCM Datasheet
95Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMCM0402NPO100C50TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com