Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCA1206X7R472K16TRPF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NCA1206X7R472K16TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCA1206X7R472K16TRPF Datasheet(HTML) 7 Page - NIC-Components Corp.

  NCA1206X7R472K16TRPF Datasheet HTML 1Page - NIC-Components Corp. NCA1206X7R472K16TRPF Datasheet HTML 2Page - NIC-Components Corp. NCA1206X7R472K16TRPF Datasheet HTML 3Page - NIC-Components Corp. NCA1206X7R472K16TRPF Datasheet HTML 4Page - NIC-Components Corp. NCA1206X7R472K16TRPF Datasheet HTML 5Page - NIC-Components Corp. NCA1206X7R472K16TRPF Datasheet HTML 6Page - NIC-Components Corp. NCA1206X7R472K16TRPF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NCA Series
B
C
E
D
W
A
φ1.5±0.1
Po
W
F
Ao
P1
K
T
Bo
G
P2
TAPE DIMENSIONS (mm)
REEL DIMENSIONS (mm)
Multilayer Ceramic Chip Capacitors
A
0
B
0
FG
K
P
0
P
1
P
2
TW
See note 1
3.50 ±0.05
1.75 ±0.1
2.50 max.
4.0 ±0.1
4.0 ±0.1
2.0 ±0.05
0.6 max.
8.0 ±0.3
Note 1 - These dimensions are deterined by the maximum dimensions of the part. Clearance between the sides of the components
shall be 0.05mm (min.) and 0.50mm (max). The clearance shall not allow the component to rotate more than 20° within the carrier
cavity.
AB
C
D
E
W
178 ± 2.0
50 min.
13.0 ± 0.2
20.2 min.
1.5 min.
8.4 ± 1.0


Similar Part No. - NCA1206X7R472K16TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCA1206X7R103K100TRPF NIC-NCA1206X7R103K100TRPF Datasheet
143Kb / 2P
   Multilayer Ceramic Chip Capacitors
NCA1206X7R103K10TRPF NIC-NCA1206X7R103K10TRPF Datasheet
143Kb / 2P
   Multilayer Ceramic Chip Capacitors
NCA1206X7R103K16TRPF NIC-NCA1206X7R103K16TRPF Datasheet
143Kb / 2P
   Multilayer Ceramic Chip Capacitors
NCA1206X7R103K25TRPF NIC-NCA1206X7R103K25TRPF Datasheet
143Kb / 2P
   Multilayer Ceramic Chip Capacitors
NCA1206X7R103K50TRPF NIC-NCA1206X7R103K50TRPF Datasheet
143Kb / 2P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NCA1206X7R472K16TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com