Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AI-3238-TF-LW140-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AI-3238-TF-LW140-R
Description  REVISED TO INVENTOR 3-D DRAWING TEMPLATE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AI-3238-TF-LW140-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AI-3238-TF-LW140-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Indicator
AI-3238-TF-LW140-R
J.D.
R.W.
B.R.
2/20/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
10/25/2006
Date
10/25/2006
Date
10/25/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AI-3238-TF-LW140-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
10/25/2006
A
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
2/20/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
12
Vdc
OPERATING VOLTAGE RANGE
3 ~ 20
Vdc
RATED CURRENT (MAX)
10
mA
MINIMUM SPL @ 10 CM
106
dBA
RESONANT FREQUENCY
3,800 ± 500
Hz
TONE OR PULSE RATE
CONTINUOUS
0 pulse /sec
OPERATING TEMPERATURE
-30 ~ +85
°C
STORAGE TEMPERATURE
-40 ~ +95
°C
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
LEAD WIRE
-
WEIGHT
8
grams
THIS DOCUMENT CONTAINS DATA
PROPRIETARY TO PROJECTS UNLIMITED, INC.
ANY USE OR REPRODUCTION, IN ANY FORM,
WITHOUT PRIOR WRITTEN PERMISSION OF
PROJECTS UNLIMITED, INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
44
38
7
3
Ø (2)
1 (2)
n32
n5.8 SOUND
EMISSION HOLE
140
`5
5
`2
4
13.5
BLACK (-)
RED (+)
UL1095 AWG #28


Similar Part No. - AI-3238-TF-LW140-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AI-3238-TF-LW140-R PUIAUDIO-AI-3238-TF-LW140-R Datasheet
192Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AI-3238-TF-LW140-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AT-3425-TWT-R PUI-AT-3425-TWT-R Datasheet
220Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-0927-TT-2-R PUI-AT-0927-TT-2-R Datasheet
200Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-4230-TF-LW135-R PUI-AT-4230-TF-LW135-R Datasheet
189Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-2835-TF-LW150-3-R PUI-AI-2835-TF-LW150-3-R Datasheet
209Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-4228-P-SP120-R PUI-AI-4228-P-SP120-R Datasheet
191Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-2429-TWT-2-R PUI-AI-2429-TWT-2-R Datasheet
245Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-3035-TWT-3V-R PUI-AI-3035-TWT-3V-R Datasheet
256Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-1220-TT-5-R PUI-AT-1220-TT-5-R Datasheet
214Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-1228-TT-R PUI-AT-1228-TT-R Datasheet
179Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-2304-TT-24V-2-R PUI-AI-2304-TT-24V-2-R Datasheet
160Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
POM-2244P-C3310-2-R PUI-POM-2244P-C3310-2-R Datasheet
259Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com