Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSHC101J50TRA1F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSHC101J50TRA1F
Description  Stacked Film Capacitor Chips
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSHC101J50TRA1F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSHC101J50TRA1F Datasheet HTML 1Page - NIC-Components Corp. NSHC101J50TRA1F Datasheet HTML 2Page - NIC-Components Corp. NSHC101J50TRA1F Datasheet HTML 3Page - NIC-Components Corp. NSHC101J50TRA1F Datasheet HTML 4Page - NIC-Components Corp. NSHC101J50TRA1F Datasheet HTML 5Page - NIC-Components Corp. NSHC101J50TRA1F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Stacked Film Capacitor Chips
NSHC Series
16V STANDARD PRODUCTS AND CASE SIZES
Part Number
Cap.
Value
Cap.
Code
Size
Code
Length
L ±0.2
Width
W
Height
H ±0.2
p
EIA
NSHC101J16TRJ1F
100pF
101
J1
1.6
0.8 ± 0.15
0.7 ± 0.15
0.35 ± 0.20
0603
NSHC121J16TRJ1F
120
121
J1
NSHC151J16TRJ1F
150
151
J1
NSHC181J16TRJ1F
180
181
J1
NSHC221J16TRJ1F
220
221
J1
NSHC271J16TRJ1F
270
271
J1
NSHC331J16TRJ1F
330
331
J1
NSHC391J16TRJ1F
390
391
J1
NSHC471J16TRJ1F
470
471
J1
NSHC561J16TRJ1F
560
561
J1
NSHC681J16TRJ1F
680
681
J1
NSHC821J16TRJ1F
820
821
J1
NSHC102J16TRJ1F
0.001
102
J1
NSHC122J16TRJ1F
0.0012
122
J1
NSHC152J16TRJ1F
0.0015
152
J1
NSHC182J16TRJ1F
0.0018
182
J1
NSHC222J16TRJ1F
0.0022
222
J1
NSHC272J16TRJ1F
0.0027
272
J1
NSHC332J16TRA1F
0.0033
332
A1
2.0
1.25 ± 0.2
0.9
0.45 ± 0.25
0805
NSHC392J16TRA1F
0.0039
392
A1
NSHC472J16TRA1F
0.0047
472
A1
NSHC562J16TRA1F
0.0056
562
A1
NSHC682J16TRA1F
0.0068
682
A1
NSHC822J16TRA2F
0.0082
822
A2
1.1
NSHC103J16TRA2F
0.010
103
A2
NSHC123J16TRB1F
0.012
123
B1
3.2
1.6 ± 0.2
0.9
0.65 ± 0.35
1206
NSHC153J16TRB1F
0.015
153
B1
NSHC183J16TRB1F
0.018
183
B1
NSHC223J16TRB1F
0.022
223
B1
NSHC273J16TRB2F
0.027
273
B2
1.1
NSHC333J16TRB2F
0.033
333
B2
NSHC393J16TRB3F
0.039
393
B3
1.5
NSHC473J16TRB3F
0.047
473
B3
NSHC563J16TRC2F
0.056
563
C2
3.2
2.5 ± 0.2
1.5
0.65 ± 0.35
1210
NSHC683J16TRC2F
0.068
683
C2
NSHC823J16TRC3F
0.082
823
C3
2.1
NSHC104J16TRC3F
0.10
104
C3
OUTLINE DRAWING
Terminations:
Stacked Element
L
1
H
W
p
p
L
2
95.5% Sn, 4% Ag and
0.5% Cu over phenolic
resin/Ag/Ni/Cu over copper
base


Similar Part No. - NSHC101J50TRA1F

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
NSH JST-NSH Datasheet
638Kb / 4P
   NSH CONNECTOR 1.0 mm pitch/Disconnectable Crimp style connectors
logo
NIHON DEMPA KOGYO
NSH03A03L NDK-NSH03A03L Datasheet
151Kb / 1P
   Maximum Ratings
logo
Kyocera Kinseki Corpota...
NSH03A03L KSS-NSH03A03L Datasheet
1Mb / 7P
   Schottky Barrier Diode
logo
National Instruments Co...
NSH03A03L NI-NSH03A03L_15 Datasheet
151Kb / 1P
   SBD
logo
NIHON DEMPA KOGYO
NSH03A04 NDK-NSH03A04 Datasheet
149Kb / 1P
   Maximum Ratings
More results

Similar Description - NSHC101J50TRA1F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWC NIC-NSWC Datasheet
99Kb / 3P
   Stacked Film Capacitor Chips
NSPU NIC-NSPU Datasheet
55Kb / 2P
   Stacked Film Capacitor Chips
NSMX NIC-NSMX Datasheet
53Kb / 3P
   Wound Metalized PPS Film Capacitor Chips
logo
Panasonic Semiconductor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com