Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-104068-2 Datasheet(PDF) 50 Page - Tyco Electronics

Part # 6-104068-2
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-2 Datasheet(HTML) 50 Page - Tyco Electronics

Back Button 6-104068-2 Datasheet HTML 46Page - Tyco Electronics 6-104068-2 Datasheet HTML 47Page - Tyco Electronics 6-104068-2 Datasheet HTML 48Page - Tyco Electronics 6-104068-2 Datasheet HTML 49Page - Tyco Electronics 6-104068-2 Datasheet HTML 50Page - Tyco Electronics 6-104068-2 Datasheet HTML 51Page - Tyco Electronics 6-104068-2 Datasheet HTML 52Page - Tyco Electronics 6-104068-2 Datasheet HTML 53Page - Tyco Electronics 6-104068-2 Datasheet HTML 54Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
50
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Novo Receptacles, Center and Military Polarized*
.100 x .100 [2.54 x 2.54] Centers
Contacts mate with .025 [0.64] sq.
or round pins with .245 [6.22] max.
and .175 [4.45] min. lengths.
Material and Finish
Housing, Cover & Strain Relief —
UL 94V-0 rated thermoplastic, black
Contacts — Phosphor bronze, duplex
plated (See chart below)
Related Product Data
Mateable Pin Headers —
Universal — pages 84-95
Low Profile — pages 76-83
Mateable Universal I/O Pin
Connectors — pages 45 and 46
Accessories
Pull Tabs — page 63
Keying Plug — page 64
Pull Loops — page 66
Strain Relief — page 68
Application Tooling — pages 70-74
Technical Documents
Product Specifications
108-40000 Novo and Novo Stackable
Receptacles; 108-40004 Ribbon Cable,
PVC Insulated
Application Specification
114-40005 Novo Receptacles
Instruction Sheets
Instructional material covering operation,
setup, maintenance, repair, etc. is included
with each machine, tool or die set. If this
material is required prior to receiving
your tooling, call TE at the numbers
listed below for the applicable docu-
ments.
*These receptacles can be used
in applications requiring center
polarization.
C
D
.100
[2.54]
.100
[2.54]
.130
[3.30]
.140
[3.56]
.460
[11.68]
.135
[3.43]
.240
[6.10]
.422
[10.72]
Ref.
.464
[11.79]
Ref.
.570
[14.48]
Ref.
.650
[16.51]
Ref.
A
.100
[2.54]
Cover
Housing
Assembly
Polarization
Bar
Terminated
with Cover
and Strain Relief
Terminated
with Cover
Housing Assembly and Cover
There is no polarization slot on
this end of 10- and 14-position
receptacles.
.629
[15.98]
Ref.
.329
[8.36]
.093
[2.36]
B
D
.106
[2.69]
Housing Assembly with
Cover (Preassembled) and
Strain Relief (Optional)
No. of
Dimensions
Contact
Strain Relief
Receptacle
Pos.
AB
CD
Plating
Part No.
(Preassembled)
10
.450
.680
.400
.275
Duplex1
499252-5
1658621-1
11.43
17.27
10.16
6.99
Duplex2
499252-5
1658622-1
14
.650
.880
.600
.375
Duplex1
499252-9
1658621-2
16.51
22.35
15.24
9.53
Duplex2
499252-9
1658622-2
16
.750
.980
.700
.425
Duplex1
499252-8
1658621-3
19.05
24.89
17.78
10.80
Duplex2
499252-8
1658622-3
20
.950
1.180
.900
.525
Duplex1
499252-2
1658621-4
24.13
29.97
22.86
13.34
Duplex2
499252-2
1658622-4
24
1.150
1.380
1.100
.625
Duplex1
1-499252-0
1658621-5
29.21
35.05
27.94
15.88
Duplex2
1-499252-0
1658622-5
26
1.250
1.480
1.200
.675
Duplex1
499252-3
1658621-6
31.75
37.59
30.48
17.15
Duplex2
499252-3
1658622-6
30
1.450
1.680
1.400
.775
Duplex1
1-499252-2
1658621-7
36.83
42.67
35.56
19.69
Duplex2
1-499252-2
1658622-7
34
1.650
1.880
1.600
.875
Duplex1
499252-6
1658621-8
41.91
47.75
40.64
22.23
Duplex2
499252-6
1658622-8
40
1.950
2.180
1.900
1.025
Duplex1
499252-1
1658621-9
49.53
55.37
48.26
26.04
Duplex2
499252-1
1658622-9
50
2.450
2.680
2.400
1.275
Duplex1
499252-4
1-1658621-0
62.23
68.07
60.96
32.39
Duplex2
499252-4
1-1658622-0
60
2.950
3.180
2.900
1.525
Duplex1
499252-7
1-1658621-1
74.93
80.77
73.66
38.74
Duplex2
499252-7
1-1658622-1
64
3.150
3.380
3.100
1.625
Duplex1
1-499252-3
1-1658621-2
80.01
85.85
78.74
41.28
Duplex2
1-499252-3
1-1658622-2
1
.000015 [0.00038] gold or gold flash over palladium-nickel .000015 [0.00038] min. total on post/pin mating end,
.000100-.000200 [0.00254-0.00508] tin on termination end, with entire contact underplated .000050 [0.00127] nickel.
2
.000030 [0.00076] gold or gold flash over palladium-nickel .000030 [0.00076] min. total on post/pin mating end,
.000100-.000200 [0.00254-0.00508] tin on termination end, with entire contact underplated .000050 [0.00127] nickel.
Note: These receptacles include a housing assembly and cover (preassembled). Strain reliefs may be purchased sep-
arately using the component part nos. listed above.
All part numbers are RoHS compliant.
Position No. 1
Index Slot


Similar Part No. - 6-104068-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-2 MACOM-6-104068-2 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-2 MACOM-6-104068-2 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-2 MACOM-6-104068-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-2 MACOM-6-104068-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-2 MACOM-6-104068-2 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com