Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-104068-1 Datasheet(PDF) 30 Page - Tyco Electronics

Part # 6-104068-1
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-1 Datasheet(HTML) 30 Page - Tyco Electronics

Back Button 6-104068-1 Datasheet HTML 26Page - Tyco Electronics 6-104068-1 Datasheet HTML 27Page - Tyco Electronics 6-104068-1 Datasheet HTML 28Page - Tyco Electronics 6-104068-1 Datasheet HTML 29Page - Tyco Electronics 6-104068-1 Datasheet HTML 30Page - Tyco Electronics 6-104068-1 Datasheet HTML 31Page - Tyco Electronics 6-104068-1 Datasheet HTML 32Page - Tyco Electronics 6-104068-1 Datasheet HTML 33Page - Tyco Electronics 6-104068-1 Datasheet HTML 34Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
30
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Micro-MaTch Miniature Connector System
Miniaturization and the
trend towards higher den-
sity of electronic functions
on a substrate led to the
introduction of smaller
interconnection systems.
The Micro-MaTch connector
family, with it’s contact
spacing of 1.27 mm, fully
complies with the electronic
packaging requirements of
today and the future. The
system offers a range of
board and wire connectors,
enabling a variety of wire-to-
board and board-to-board
interconnections.
The Micro-MaTch contact
concept shown on this page
is essentially different from
other systems available.
By its design the traditional
failure mode in tin plated
connections, fretting corro-
sion, is prevented. Due to
an additional positioning
spring in the female part,
relative movements caused
by vibrations/thermal
expansion between male
and female contacts are
absorbed. By preventing
movements on the contact
spot, a gas tight connection
can be guaranteed under
all circumstances.
The contact spring is
located in the board con-
nector and not in the cable
connector, which is usually
the case. The counter part,
incorporated in the cable
connector, is a simple pin,
either with an insulation dis-
placement section, suitable
for the mass-termination of
cable or with a kinked sol-
der leg to be soldered onto
a PC Board. The separation
of these two basic functions
of the contact system —
contact force generation
and wire termination —
enables the independent
optimization of both func-
tions and also leads to
relatively simple contact
shapes.
Because of their shapes
contacts can be post-
plated, leaving no bare
edges in the contact and
wire slot area. The contact
spring system features an
additional spring member —
the positioning spring —
which compensates posi-
tional tolerances. In this way
the contact spring can be
fully optimized for its basic
function, so that the rela-
tively high contact force,
required for tin plated
contact systems, can be
guaranteed under all
circumstances.
The Micro-MaTch contact
spring system is absolutely
fretting corrosion proof by
its design.
Features/ Benefits
I
Available in 2 to
20 positions
I
Applicable Wire:
20~28 AWG
I
Wire connectors supplied
on-tape and suitable for
mass termination of
28 AWG [0.08 mm2 to
0.09 mm2] ribbon cable
I
Tin plated contact design
I
Guaranteed minimum
contact force of 2.0 N
I
Fretting corrosion proof
thanks to additional
positioning spring
member
I
Full range of application
tooling from hand tool to
fully automated equipment
1. Contact Pin
2. Contact Spring
3. Positioning
1
2
3


Similar Part No. - 6-104068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-1 MACOM-6-104068-1 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-1 MACOM-6-104068-1 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-1 MACOM-6-104068-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com