Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSWC124100TRE3F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSWC124100TRE3F
Description  Stacked Film Capacitor Chips
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSWC124100TRE3F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSWC124100TRE3F Datasheet HTML 1Page - NIC-Components Corp. NSWC124100TRE3F Datasheet HTML 2Page - NIC-Components Corp. NSWC124100TRE3F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Stacked Film Capacitor Chips
100V STANDARD PRODUCTS AND CASE SIZES
Terminations:
Stacked Element
L
1
H
W
p
p
L
2
Fig. 2 (B2~C3)
95.5% Sn, 4% Ag and
0.5% Cu over phenolic
resin/Ag/Ni/Cu over
copper base
Stacked Element Terminations:
L
1
H
W
p
p
L
2
Fig. 1 (D1~R8)
95.5% Sn, 4% Ag and
0.5% Cu over phosphorus
copper barrier over copper
base
NSWC Series
Part Number
Cap.
Value
Cap.
Code
Size
Code
Length
L ±0.2
Width
W
Height
H ±0.2
p
EIA
NSWC102J100TRB2F
0.001
102
B2
3.2 ± 0.2
1.6 ± 0.2
1.1 ± 0.3
0.65 ± 0.3
(Fig. 1)
1206
NSWC122J100TRB2F
0.0012
122
B2
NSWC152J100TRB2F
0.0015
152
B2
NSWC182J100TRB2F
0.0018
182
B2
NSWC222J100TRB2F
0.0022
222
B2
NSWC272J100TRB2F
0.0027
272
B2
NSWC332J100TRB3F
0.0033
332
B3
1.5 ± 0.3
NSWC392J100TRB3F
0.0039
392
B3
NSWC472J100TRB3F
0.0047
472
B3
NSWC562J100TRC2F
0.0056
562
C2
3.2 ± 0.2
2.5 ± 0.2
1.5
1210
NSWC682J100TRC2F
0.0068
682
C2
NSWC822J100TRC3F
0.0082
822
C3
2.1
NSWC103J100TRC3F
0.010
103
C3
NSWC123*100TRD1F
0.012
123
D1
4.8 ± 0.2
3.3 ± 0.3
1.4
0.35 ± 0.2
(Fig. 2)
1913
NSWC153*100TRD1F
0.015
153
D1
NSWC183*100TRD1F
0.018
183
D1
NSWC223*100TRD1F
0.022
223
D1
NSWC273*100TRD1F
0.027
273
D1
NSWC333*100TRD1F
0.033
333
D1
NSWC393*100TRD1F
0.039
393
D1
NSWC473*100TRD2F
0.047
473
D2
2.0
NSWC563*100TRD2F
0.056
563
D2
NSWC683*100TRD3F
0.068
683
D3
2.4
NSWC823*100TRD4F
0.082
823
D4
2.8
NSWC104*100TRE1F
0.1
104
E1
6.0 ± 0.2
4.1 ± 0.3
1.8
2416
NSWC124*100TRE3F
0.12
124
E3
2.4
NSWC154*100TRE4F
0.15
154
E4
2.8
NSWC184K100TRG1F
0.18
184
G1
7.1 ± 0.2
5.0 ± 0.4
2.0
2820
NSWC224K100TRG2F
0.22
224
G2
2.4
NSWC274K100TRG3F
0.27
274
G3
2.9
NSWC334K100TRG5F
0.33
334
G5
3.5
NSWC394K100TRQ1F
0.39
394
Q1
7.7 ± 0.2
5.5 ± 0.4
3.4
3022
NSWC474K100TRQ2F
0.47
474
Q2
4.0
NSWC564K100TRR1F
0.56
564
R1
9.8 ± 0.2
6.3 ± 0.4
3.0
3925
NSWC684K100TRR3F
0.68
684
R3
3.6
NSWC824K100TRR6F
0.82
824
R6
4.3
NSWC105K100TRR8F
1.0
105
R8
5.1
*These values available in J (±5%) or K (±10%) tolerance.


Similar Part No. - NSWC124100TRE3F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
More results

Similar Description - NSWC124100TRE3F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSHC NIC-NSHC Datasheet
103Kb / 6P
   Stacked Film Capacitor Chips
NSPU NIC-NSPU Datasheet
55Kb / 2P
   Stacked Film Capacitor Chips
NSMX NIC-NSMX Datasheet
53Kb / 3P
   Wound Metalized PPS Film Capacitor Chips
logo
Panasonic Semiconductor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com