Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCA0805X7R823K16TRPF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCA0805X7R823K16TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCA0805X7R823K16TRPF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCA0805X7R823K16TRPF Datasheet HTML 1Page - NIC-Components Corp. NCA0805X7R823K16TRPF Datasheet HTML 2Page - NIC-Components Corp. NCA0805X7R823K16TRPF Datasheet HTML 3Page - NIC-Components Corp. NCA0805X7R823K16TRPF Datasheet HTML 4Page - NIC-Components Corp. NCA0805X7R823K16TRPF Datasheet HTML 5Page - NIC-Components Corp. NCA0805X7R823K16TRPF Datasheet HTML 6Page - NIC-Components Corp. NCA0805X7R823K16TRPF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NCA Series
STANDARD EIA 0805 & 1206 PACKAGING
EACH COMPONENT CONTAINS 4 ISOLATED CERAMIC CAPACITORS
AVAILABLE IN A WIDE RANGE OF VALUES AND TEMPERATURE
..COEFFICIENTS
FEATURES
Multilayer Ceramic Chip Capacitors
SPECIFICATIONS
NPO
X7R
X5R
Y5V
OPERATING
TEMPERATURE
-55°C~ +125°C
-55°C~ +125°C
-55°C~ +85°C
-30°C~ +85°C
CAPACITANCE RANGE
10pF ~ 470pF
180pF ~ 0.1
μF
0.1
μF
0.01
μF ~ 0.1μF
VOLTAGE RANGE
16, 25, 50 &100Vdc
10, 16, 25 & 50Vdc
16Vdc
16, 25 & 50Vdc
CAPACITANCE
TOLERANCE
±5% (J), ±10%(K)
±10%(K), ±20%(M)
±10%(K), ±20%(M)
+80%/-20% (Z)
TEMPERATURE
CHARACTERISTICS
0±30ppm
±15%
±15%
+30% ~ -80%
DIELECTRIC
WITHSTANDING
VOLTAGE
2.5 x Rated Voltage for 1 minute
INSULATION
RESISTANCE
(after 1 minute)
>10G
Ω
>10G
Ω
>10G
Ω
>10G
Ω
DISSIPATION FACTOR
< 0.1%
< 5%
< 5%
1206 < 7%
*See Part Number System for Details
Part Number
Case Size
Voltage
Capacitance (pF)
Standard Tol.
NCA0805NPO101J16TRPF
0805
16
100
±5%
NCA0805NPO221J16TRPF
220
±5%
NCA0805NPO100J25TRPF
25
10
±5%
NCA0805NPO150J25TRPF
15
±5%
NCA0805NPO220J25TRPF
22
±5%
NCA0805NPO330J25TRPF
33
±5%
NCA0805NPO470J25TRPF
47
±5%
NCA0805NPO680J25TRPF
68
±5%
NCA0805NPO820J25TRPF
82
±5%
NCA0805NPO101J25TRPF
100
±5%
NCA0805NPO151J25TRPF
150
±5%
NCA0805NPO181J25TRPF
180
±5%
NCA0805NPO221J25TRPF
220
±5%
NCA0805NPO271J25TRPF
270
±5%
NCA0805NPO100J50TRPF
50
10
±5%
NCA0805NPO150J50TRPF
15
±5%
NCA0805NPO180J50TRPF
18
±5%
NCA0805NPO220J50TRPF
22
±5%
NCA0805NPO330J50TRPF
33
±5%
NCA0805NPO390J50TRPF
39
±5%
NCA0805NPO470J50TRPF
47
±5%
NCA0805NPO560J50TRPF
56
±5%
NCA0805NPO680J50TRPF
68
±5%
NCA0805NPO820J50TRPF
82
±5%
NCA0805NPO101J50TRPF
100
±5%
NCA0805NPO121J50TRPF
120
±5%
NCA0805NPO151J50TRPF
150
±5%
NCA0805NPO181J50TRPF
180
±5%
NCA0805NPO221J50TRPF
220
±5%
NCA0805NPO271J50TRPF
270
±5%
NCA0805NPO100J100TRPF
100
10
±5%
NCA0805NPO150J100TRPF
15
±5%
NCA0805NPO220J100TRPF
22
±5%
NCA0805NPO330J100TRPF
33
±5%
NCA0805NPO470J100TRPF
47
±5%
NCA0805NPO680J100TRPF
68
±5%
NCA0805NPO101J100TRPF
100
±5%
NCA0805NPO151J100TRPF
150
±5%
NPO 0805 STANDARD VALUES AND VOLTAGES
NPO 0805 STANDARD VALUES AND VOLTAGES (CONTINUED ON NEXT PAGE)
New Values
Expanded
Value
Range
See Part Number System for Details
RoHS
Compliant
Includes all homogeneous materials


Similar Part No. - NCA0805X7R823K16TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCA0805X7R103K100TRPF NIC-NCA0805X7R103K100TRPF Datasheet
143Kb / 2P
   Multilayer Ceramic Chip Capacitors
NCA0805X7R103K10TRPF NIC-NCA0805X7R103K10TRPF Datasheet
143Kb / 2P
   Multilayer Ceramic Chip Capacitors
NCA0805X7R103K16TRPF NIC-NCA0805X7R103K16TRPF Datasheet
143Kb / 2P
   Multilayer Ceramic Chip Capacitors
NCA0805X7R103K25TRPF NIC-NCA0805X7R103K25TRPF Datasheet
143Kb / 2P
   Multilayer Ceramic Chip Capacitors
NCA0805X7R103K50TRPF NIC-NCA0805X7R103K50TRPF Datasheet
143Kb / 2P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NCA0805X7R823K16TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com