Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5102321-4 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 5102321-4
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5102321-4 Datasheet(HTML) 4 Page - Tyco Electronics

  5102321-4 Datasheet HTML 1Page - Tyco Electronics 5102321-4 Datasheet HTML 2Page - Tyco Electronics 5102321-4 Datasheet HTML 3Page - Tyco Electronics 5102321-4 Datasheet HTML 4Page - Tyco Electronics 5102321-4 Datasheet HTML 5Page - Tyco Electronics 5102321-4 Datasheet HTML 6Page - Tyco Electronics 5102321-4 Datasheet HTML 7Page - Tyco Electronics 5102321-4 Datasheet HTML 8Page - Tyco Electronics 5102321-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
4
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Introduction
Ribbon Cable Interconnect Solutions
Restriction on the use of Hazardous Substances
(RoHS)
At TE Connectivity, we’re ready to support your RoHS require-
ments. We’ve assessed more than 1.5 million end items/com-
ponents for RoHS compliance, and issued new part numbers
where any change was required to eliminate the restricted mate-
rials. Part numbers in this catalog are identified as:
RoHS Compliant — Part numbers in this catalog are RoHS
Compliant, unless marked otherwise. These products comply
with European Union Directive 2002/95/EC as amended 1
January 2006 that restricts the use of lead, mercury, cadmium,
hexavalent chromium, PBB, and PBDE in certain electrical and
electronic products sold into the EU as of 1 July 2006.
NOTE: For purposes of this Catalog, included within the defini-
tion of RoHS Compliant are products that are clearly “Out of
Scope” of the RoHS Directive such as hand tools and other
non-electrical accessories.
NOTE: Information regarding RoHS compliance is provided
based on reasonable inquiry of our suppliers and represents our
current actual knowledge based on the information provided by
our suppliers. This information is subject to change. For latest
compliance status, refer to our website referenced at right.
Getting the Information You Need
Our comprehensive on-line RoHS Customer Support Center
provides a forum to answer your questions and support your
RoHS needs. A RoHS FAQ (Frequently Asked Questions) is
available with links to more detailed information. You can also
submit RoHS questions and receive a response within 24 hours
during a normal work week. The Support Center also provides:
I
Cross-Reference from
Non-compliant to Compliant Products
I
Ability to browse RoHS
Compliant Products in our
on-line catalog
I
Downloadable Technical Data
Customer Information
Presentation
I
More detailed information
regarding the definitions
used above
I
So whatever your questions when it comes to RoHS, we
have the answers at www.te.com/leadfree
RoHS
Customer
Support
Center
Disclaimer
While TE has made every reasonable
effort to ensure the accuracy of the
information in this catalog, TE does
not guarantee that it is error-free, nor
does TE make any other representation,
warranty or guarantee that the informa-
tion is accurate, correct, reliable or
current. TE reserves the right to make
any adjustments to the information
contained herein at any time without
notice. TE expressly disclaims all implied
warranties regarding the information
contained herein, including, but not
limited to, any implied warranties of
merchantability or fitness for a particular
purpose. The dimensions in this catalog
are for reference purposes only and
are subject to change without notice.
Specifications are subject to change
without notice. Consult TE for the latest
dimensions and design specifications.
© 2012, 2009, 1999, 1998, 1996, 1995,
1993, 1992, 1989, 1988, 1986, 1985,
1983, 1982, 1977, 1976, 1974 and 1973
Tyco Electronics Corporation.
All Rights Reserved.
AMP, AMPLIMITE, AMPMODU, CHAMP,
EUROLATCH, TE Connectivity and the
TE connectivity (logo) are trademarks
of the TE Connectivity Ltd. family of
companies.
Other logos, product and Company
names mentioned herein may be
trademarks of their respective owners.


Similar Part No. - 5102321-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5102-03 MOLEX2-5102-03 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 3 Circuits
5102-04 MOLEX2-5102-04 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 4 Circuits
5102-05 MOLEX2-5102-05 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 5 Circuits
5102-06 MOLEX2-5102-06 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 6 Circuits
5102-07 MOLEX2-5102-07 Datasheet
96Kb / 2P
   2.50mm (.098) Pitch SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 7 Circuits
More results

Similar Description - 5102321-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com