Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPH47516V1812TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NSPH47516V1812TRF
Description  Multilayer Acrylic Polymer Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPH47516V1812TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NSPH47516V1812TRF Datasheet HTML 1Page - NIC-Components Corp. NSPH47516V1812TRF Datasheet HTML 2Page - NIC-Components Corp. NSPH47516V1812TRF Datasheet HTML 3Page - NIC-Components Corp. NSPH47516V1812TRF Datasheet HTML 4Page - NIC-Components Corp. NSPH47516V1812TRF Datasheet HTML 5Page - NIC-Components Corp. NSPH47516V1812TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Multilayer Acrylic Polymer Film Capacitors
NSPH Series
FEATURES
• HIGH CAPACITANCE (UP TO 22
μF)
• WIDE VOLTAGE & TEMPERATURE RANGE (16 ~ 100V, -55°C ~ +125°C or ±105°C)
• UPGRADE PERFORMANCE VS. MLCC's
STABLE OVER FREQUENCY, TEMPERATURE & VOLTAGE
NO PIEZO ELECTRIC EFFECT
• IDEAL FOR AUDIO APPLICATIONS
• TYPICAL OPEN FAILURE MODE
• +260°C REFLOW SOLDERING COMPATIBLE
ENVIRONMENTAL CHARACTERISTICS
SPECIFICATIONS
Case Sizes
1206
1210
1812
2220
1206
1210
Capacitance Range
0.01
μF ~ 22μF*
0.001
μF ~ 0.047μF*
0.068
μF ~ 0.1μF*
Voltage Ratings
16, 25, 35, 50 & 63VDC
100VDC
Capacitance Tolerance
±10% (K), ±20% (M)
Temperature Range
-55°C ~ +125°C
-55°C ~ +105°C
Dissipation Factor (20°C)
1.5% (measured at 5Vrms, 1KHz)
Insulation Resistance (20°C)
C < 0.1
μF: 3,000MΩ Minimum
C > 0.1
μF: 300M •
μF Minimum
1,000M
Ω Minimum
Dielectric Withstanding Voltage
No abnormalities after application of
150% of rated voltage for 1 minute or 175% of rated voltage for 1 ~ 5 seconds
High Temperature Life Test*
16V ~ 63V: +125°C ±3°C, 1,000 Hrs +48/-0 Hrs
100V: +105°C ±3°C, 1,000 Hrs +48/-0 Hrs
125% of Rated Voltage
Capacitance Change
Within +5%/-20% of Initial Value
Dissipation Factor
1.65% Maximum @ 1KHz
Insulation Resistance
16V ~ 63V, C > 0.1
μF: 30MΩ • μF Minimum
16V ~ 63V, C < 0.1
μF & 100V: 300MΩ Minimum
Humidity Load Life*
500 Hours, +40°C & 90% ~ 95% RH
at rated voltage
Capacitance Change
Within +20%/-5% of Initial Value
Dissipation Factor
2.25% Maximum @ 1KHz
Insulation Resistance
16V ~ 63V, C > 0.1
μF: 30MΩ • μF Minimum
16V ~ 63V, C < 0.1
μF & 100V: 300MΩ Minimum
Temperature Cycling*
No Load, 5 cycles of -55°C (30 minutes),
Room temperature < 3 minutes
+125°C or +105°C (30 minutes)
Capacitance Change
Within +5%/-20% of Initial Value
Dissipation Factor
1.65% Maximum @ 1KHz
Insulation Resistance
16V ~ 63V, C > 0.1
μF: 30MΩ • μF Minimum
16V ~ 63V, C < 0.1
μF & 100V: 300MΩ Minimum
Resistance to Soldering Heat
(Soldering using recommended reflow conditions,
2 times)
Capacitance Change
Within +5%/-10% of Initial Value
Dissipation Factor
1.65% Maximum @ 1KHz
Insulation Resistance
16V ~ 63V, C > 0.1
μF: 100MΩ • μF Minimum
16V ~ 63V, C < 0.1
μF & 100V: 1,000MΩ Minimum
Part
Materials
1
Capacitor Element
Acrylic base polymer film
2
Internal Electrode
Vapor deposited aluminum
3
First Termination Layer
Copper alloy
4
Second Termination Layer
Conductive paste
5
Third Termination Layer
100% Sn (tin) plating
CONSTRUCTION
NSPH
Vdc Rating
Vrms
Vpeak
16Vdc
11.3
16
25Vdc
17.7
25
35Vdc
24.7
35
50Vdc
35.4
50
63Vdc
44.5
63
100Vdc
70.8
100
AC VOLTAGE RATINGS
NSPH 106 M 16V 1812 TR L F
RoHS compliant
Optional 255mm reel size*
Tape & Reel
Size Code
Voltage
Tolerance Code: K=±10%, M=±20%
Capacitance in pF, 1st two digits are
significant, 3rd digit is no. of zeros
Series
PART NUMBER SYSTEM
*Contact NIC for availability of larger 255mm reels
*Measured at < 5Vrms, 1KHz


Similar Part No. - NSPH47516V1812TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Mean Well Enterprises C...
NSP-1600 MEANWELL-NSP-1600 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-12 MEANWELL-NSP-1600-12 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-24 MEANWELL-NSP-1600-24 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-36 MEANWELL-NSP-1600-36 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
More results

Similar Description - NSPH47516V1812TRF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCA1206A105M-H3 CDE-FCA1206A105M-H3 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCA1210C105M ETC2-FCA1210C105M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
FCA0805C104M ETC2-FCA0805C104M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Cornell Dubilier Electr...
FCA CDE-FCA Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
logo
3M Electronics
1218 3M-1218 Datasheet
536Kb / 2P
   Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
DP-820 3M-DP-820 Datasheet
32Kb / 8P
   Acrylic Adhesives
logo
Roithner LaserTechnik G...
LC7 ROITHNER-LC7 Datasheet
60Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7020-2C ROITHNER-GS-7020-2C Datasheet
47Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7021 ROITHNER-GS-7021 Datasheet
44Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
LC3 ROITHNER-LC3 Datasheet
41Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com