Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEXCW474Z35V107X85TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NEXCW474Z35V107X85TRF
Description  V-Chip Memory Back-Up Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEXCW474Z35V107X85TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NEXCW474Z35V107X85TRF Datasheet HTML 1Page - NIC-Components Corp. NEXCW474Z35V107X85TRF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Case
Diameter
RS
T
10.7
5.0
4.9
2.5
LAND PATTERN DIMENSIONS (mm)
T
R
S
S
COMPONENT OUTLINE
V-Chip Memory Back-Up Capacitors
NEXCW Series
Case Size
D
φ ± L max. A/B ±0.2
I
W
P
10.7 x 5.5
10.7
5.5
10.8
3.9 ±0.5
1.2 ± 0.1
5.0
10.7 x 8.5
10.7
8.5
10.8
3.9 ±0.5
1.2 ± 0.1
5.0
CASE DIMENSIONS (mm)
+
-
0.3mm max.
D
φ
w
P
B
A
I
L
I
I
CARRIER TAPE DIMENSIONS (mm)
Case Size
A
B
D
E
F
P
P
1
T
1
T
2
W
Quantity/Reel
10.7 x 5.5
11.4
13.0
1.55
1.75
11.5
4.0
16.0
0.4
6.0
24.0
1,000
10.7 x 8.5
11.4
13.0
1.55
1.75
11.5
4.0
16.0
0.4
8.4
24.0
500
Case Size
A ± 2.0
B ± 1.0
C ± 0.5
D ± 0.8
E ± 0.5
W
t
10.7 x 5.5
380
80.0
13.0
21.0
2.0
25.5 ± 0.5
2.0
10.7 x 8.5
380
100.0
13.0
21.0
2.0
25.5 ± 1.0
2.0
W
+
1.5
∅ +0.1/-
1.75
±
A
B
E
F
D
P
1
P
T
1
T
2
-
Feeding
REEL DIMENSIONS (mm)
A
B
CE
W
t


Similar Part No. - NEXCW474Z35V107X85TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXC NIC-NEXC Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEXC104Z35V105X55TRF NIC-NEXC104Z35V105X55TRF Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEXC104Z55V105X55TRF NIC-NEXC104Z55V105X55TRF Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEXC105Z55V21X105TRF NIC-NEXC105Z55V21X105TRF Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEXC224Z35V105X55TRF NIC-NEXC224Z35V105X55TRF Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
More results

Similar Description - NEXCW474Z35V107X85TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXC NIC-NEXC Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEZVN-NEZVL NIC-NEZVN-NEZVL Datasheet
91Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEZVL NIC-NEZVL Datasheet
91Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEXS NIC-NEXS Datasheet
116Kb / 1P
   Memory Back-Up Capacitors
NEXA NIC-NEXA Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
   Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
   Memory Back-Up Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com