Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEDZN335Z27V10X20F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NEDZN335Z27V10X20F
Description  Radial Leaded & Snap-in Back-Up Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEDZN335Z27V10X20F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NEDZN335Z27V10X20F Datasheet HTML 1Page - NIC-Components Corp. NEDZN335Z27V10X20F Datasheet HTML 2Page - NIC-Components Corp. NEDZN335Z27V10X20F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Radial Leaded & Snap-in Back-Up Capacitors
NEDZN Series
NEDZN275Z2.5V8X22F
ESR vs. Time
NEDZN207Z2.5V35X50F
ESR vs. Time
NEDZN275Z2.5V8X22F
Capacitance vs. Time
NEDZN207Z2.5V35X50F
Capacitance vs. Time
NEDZ vs. NEDZN
275Z2.5V8X22F
(Capacitance vs. Temperature)
NEDZ vs. NEDZN
207Z2.5V35X50F
(Capacitance vs. Temperature)
NEDZ vs. NEDZN
275Z2.5V8X22F
(ESR vs. Temperature)
NEDZ vs. NEDZN
207Z2.5V35X50F
(ESR vs. Temperature)
LOAD LIFE TEST (+70°C, 2.5V APPLIED)
TEMPERATURE CHARACTERISTICS


Similar Part No. - NEDZN335Z27V10X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z2.5V8X12F NIC-NEDZ105Z2.5V8X12F Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z2.7V8X12F NIC-NEDZ105Z2.7V8X12F Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z25V8X12F NIC-NEDZ105Z25V8X12F Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
More results

Similar Description - NEDZN335Z27V10X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
logo
Cornell Dubilier Electr...
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX Datasheet
242Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX_18 Datasheet
371Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
logo
Illinois Capacitor, Inc...
106DCR2R3SGU ILLINOISCAPACITOR-106DCR2R3SGU Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN Datasheet
261Kb / 3P
   Radial Leaded Super Capacitors
logo
MERITEK ELECTRONICS COR...
DT MERITEK-DT Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
DT100M0161 MERITEK-DT100M0161 Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
logo
NIC-Components Corp.
NEXS NIC-NEXS Datasheet
116Kb / 1P
   Memory Back-Up Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com