Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEDZN305Z27V8X22F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NEDZN305Z27V8X22F
Description  Radial Leaded & Snap-in Back-Up Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEDZN305Z27V8X22F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NEDZN305Z27V8X22F Datasheet HTML 1Page - NIC-Components Corp. NEDZN305Z27V8X22F Datasheet HTML 2Page - NIC-Components Corp. NEDZN305Z27V8X22F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC P/N
Case Size
(mm)
Capacitance
(F)
Max. Leakage Current
After 24 Hours (mA)
Max. ESR
@ 1KHz (m
Ω)
Typical ESR
@ 1KHz (m
Ω)
Lead
Style
NEDZN704Z2.7V8X15F
8X15
0.7
0.1
400
200
Radial
NEDZN105Z2.7V8X12F
8X12
1.0
0.1
300
150
Radial
NEDZN275Z2.7V8X22F
8X22
2.7
0.2
300
120
Radial
NEDZN305Z2.7V8X22F
8X22
3.0
0.2
300
120
Radial
NEDZN335Z2.7V10X20F
10X20
3.3
0.2
200
90
Radial
NEDZN475Z2.7V10X20F
10X20
4.7
0.3
100
70
Radial
NEDZN685Z2.7V10X30F
10X30
6.8
0.4
100
40
Radial
NEDZN106Z2.7V10X35F
10X35
10
0.5
100
35
Radial
NEDZN206Z2.7V18X35F
18X35
20
0.8
100
25
Radial
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
RADIAL LEAD DIMENSIONS (mm)
Case Dia. (D
φ)
5
6.3
8
10 12.5 16
18
Lead Space (F) 2.0
2.5
3.5
5.0
7.5
Lead Dia. (d
φ)
0.6
0.8
Dim.
β
2.0
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
5mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Can Top Vent
Markings
6.3
± 1.0
10
±
1
10
L + 2.0 max.
Sleeving
Polarity Marking
(- negative terminal marked by
cross notch)
SNAP-IN LEAD DIMENSIONS (mm)
Radial Leaded & Snap-in Back-Up Capacitors
NEDZN Series
NEDZN 106 Z 2.7V 10x35 F
RoHS Compliant
Size in mm
Working Voltage
Tolerance Code Z = +80%/-20%
Capacitance Code in
μF, first 2 digits are significant,
third digit is no. of zeros
Series
PART NUMBER SYSTEM


Similar Part No. - NEDZN305Z27V8X22F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z2.5V8X12F NIC-NEDZ105Z2.5V8X12F Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z2.7V8X12F NIC-NEDZ105Z2.7V8X12F Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z25V8X12F NIC-NEDZ105Z25V8X12F Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
More results

Similar Description - NEDZN305Z27V8X22F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
logo
Cornell Dubilier Electr...
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX Datasheet
242Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX_18 Datasheet
371Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
logo
Illinois Capacitor, Inc...
106DCR2R3SGU ILLINOISCAPACITOR-106DCR2R3SGU Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN Datasheet
261Kb / 3P
   Radial Leaded Super Capacitors
logo
MERITEK ELECTRONICS COR...
DT MERITEK-DT Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
DT100M0161 MERITEK-DT100M0161 Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
logo
NIC-Components Corp.
NEXS NIC-NEXS Datasheet
116Kb / 1P
   Memory Back-Up Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com