Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEDZN107Z25V25X50F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NEDZN107Z25V25X50F
Description  Radial Leaded & Snap-in Back-Up Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEDZN107Z25V25X50F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NEDZN107Z25V25X50F Datasheet HTML 1Page - NIC-Components Corp. NEDZN107Z25V25X50F Datasheet HTML 2Page - NIC-Components Corp. NEDZN107Z25V25X50F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Radial Leaded & Snap-in Back-Up Capacitors
NEDZN Series
NIC P/N
Case Size
(mm)
Capacitance
(F)
Max. Leakage Current
After 24 Hours (mA)
Max. ESR
@ 1KHz (m
Ω)
Typical ESR
@ 1KHz (m
Ω)
Lead
Style
NEDZN704Z2.5V8X15F
8X15
0.7
0.1
400
200
Radial
NEDZN904Z2.5V6.3X14F
6.3X14
0.9
0.1
400
300
Radial
NEDZN105Z2.5V8X12F
8X12
1.0
0.1
300
150
Radial
NEDZN275Z2.5V8X22F
8X22
2.7
0.2
300
120
Radial
NEDZN335Z2.5V10X20F
10X20
3.3
0.2
200
60
Radial
NEDZN475Z2.5V10X20F
10X20
4.7
0.3
100
70
Radial
NEDZN685Z2.5V10X30F
10X30
6.8
0.4
100
40
Radial
NEDZN106Z2.5V10X35F
10X35
10
0.5
100
35
Radial
NEDZN206Z2.5V18X35F
18X35
20
0.8
100
25
Radial
NEDZN306Z2.5V18X40F
18X40
30
0.8
100
20
Radial
NEDZN506Z2.5V25X40F
25X40
50
1.0
80
15
Snap-in
NEDZN107Z2.5V25X50F
25X50
100
1.0
80
15
Snap-in
NEDZN207Z2.5V35X50F
35X50
200
2.0
80
8
Snap-in
FEATURES
• HIGH POWER AND LOW INTERNAL RESISTANCE
• HIGH CAPACITANCE (UP TO 200F)
• IDEAL AS POWER SUPPLY BACK-UP
STANDARD VALUES AND SPECIFICATIONS
CHARACTERISTICS
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional guidelines and precautions
can be found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Series
NEDZN
Rated Voltage Range
2.5 & 2.7VDC
Rated Capacitance Range
0.7F ~ 200F (700,000
μF ~ 200,000,000μF)
Operating Temp. Range
-25°C ~ +70°C
Capacitance Tolerance
+80%/-20% (Z)
Load Life Test @ +70°C
1,000 hours
Δ C = Less than ±30% of initial measured value
Max. ESR = Less than 400% of the specified max.
Temperature Characteristics
-25°C & +70°C
Δ C = Within +30% of 20°C value
Max. ESR = Less than 500% of 20°C value
Shelf Life @ +70°C
1,000 hours
Δ C = Less than ±30% of initial measured value
Max. ESR = Less than 400% of the specified max. value
RADIAL LEAD
d
φ ± 0.05
Sleeve
5mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Can Top Vent
Markings
6.3
± 1.0
L + 2.0 max.
Sleeving
SNAP-IN LEAD


Similar Part No. - NEDZN107Z25V25X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z2.5V8X12F NIC-NEDZ105Z2.5V8X12F Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z2.7V8X12F NIC-NEDZ105Z2.7V8X12F Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ105Z25V8X12F NIC-NEDZ105Z25V8X12F Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
More results

Similar Description - NEDZN107Z25V25X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
logo
Cornell Dubilier Electr...
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX Datasheet
242Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX_18 Datasheet
371Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
logo
Illinois Capacitor, Inc...
106DCR2R3SGU ILLINOISCAPACITOR-106DCR2R3SGU Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN Datasheet
261Kb / 3P
   Radial Leaded Super Capacitors
logo
MERITEK ELECTRONICS COR...
DT MERITEK-DT Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
DT100M0161 MERITEK-DT100M0161 Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
logo
NIC-Components Corp.
NEXS NIC-NEXS Datasheet
116Kb / 1P
   Memory Back-Up Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com