Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLRW821M315V35X45SF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRLRW821M315V35X45SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW821M315V35X45SF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRLRW821M315V35X45SF Datasheet HTML 1Page - NIC-Components Corp. NRLRW821M315V35X45SF Datasheet HTML 2Page - NIC-Components Corp. NRLRW821M315V35X45SF Datasheet HTML 3Page - NIC-Components Corp. NRLRW821M315V35X45SF Datasheet HTML 4Page - NIC-Components Corp. NRLRW821M315V35X45SF Datasheet HTML 5Page - NIC-Components Corp. NRLRW821M315V35X45SF Datasheet HTML 6Page - NIC-Components Corp. NRLRW821M315V35X45SF Datasheet HTML 7Page - NIC-Components Corp. NRLRW821M315V35X45SF Datasheet HTML 8Page - NIC-Components Corp. NRLRW821M315V35X45SF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLRW182M50V20X25SF
1,800
50
20x25
0.323
0.248
1.39
1.59
NRLRW222M50V20X30SF
2,200
20x30
0.264
0.203
1.60
1.84
NRLRW222M50V22X25SF
22x25
0.264
0.203
1.60
1.84
NRLRW272M50V20X35SF
2,700
20x35
0.215
0.166
1.73
1.98
NRLRW272M50V22X30SF
22x30
0.215
0.166
1.73
1.98
NRLRW272M50V25X25SF
25x25
0.215
0.166
1.73
1.98
NRLRW332M50V20X40SF
3,300
20x40
0.176
0.136
1.97
2.26
NRLRW332M50V22X35SF
22x35
0.176
0.136
1.97
2.26
NRLRW332M50V25X30SF
25x30
0.176
0.136
1.97
2.26
NRLRW392M50V22X40SF
3,900
22x40
0.149
0.115
2.22
2.55
NRLRW392M50V25X30SF
25x30
0.149
0.115
2.22
2.55
NRLRW472M50V22X45SF
4,700
22x45
0.124
0.095
2.43
2.79
NRLRW472M50V25X35SF
25x35
0.124
0.095
2.43
2.79
NRLRW472M50V30X25SF
30x25
0.124
0.095
2.43
2.79
NRLRW562M50V22X50SF
5,600
22x50
0.104
0.080
2.75
3.16
NRLRW562M50V25X40SF
25x40
0.104
0.080
2.75
3.16
NRLRW562M50V30X30SF
30x30
0.104
0.080
2.75
3.16
NRLRW682M50V25X45SF
6,800
25x45
0.086
0.066
3.30
3.79
NRLRW682M50V30X35SF
30x35
0.086
0.066
3.30
3.79
NRLRW822M50V25X50SF
8,200
25x50
0.071
0.055
3.60
4.14
NRLRW822M50V30X40SF
30x40
0.071
0.055
3.60
4.14
NRLRW822M50V35X30SF
35x30
0.071
0.055
3.60
4.14
NRLRW103M50V30X45SF
10,000
30x45
0.059
0.045
4.05
4.65
NRLRW103M50V35X35SF
35x35
0.059
0.045
4.05
4.65
NRLRW123M50V30X50SF
12,000
30x50
0.049
0.038
4.56
5.24
NRLRW123M50V35X40SF
35x40
0.049
0.038
4.56
5.24
NRLRW153M50V35X50SF
15,000
35x50
0.039
0.030
4.77
5.48
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
NRLRW122M63V20X25SF
1,200
63
20x25
0.415
0.319
1.20
1.38
NRLRW152M63V20X30SF
1,500
20x30
0.332
0.256
1.47
1.69
NRLRW152M63V22X25SF
22x25
0.332
0.256
1.47
1.69
NRLRW182M63V20X35SF
1,800
20x35
0.277
0.213
1.58
1.81
NRLRW182M63V22X30SF
22x30
0.277
0.213
1.58
1.81
NRLRW222M63V20X40SF
2,200
20x40
0.227
0.174
1.82
2.09
NRLRW222M63V22X35SF
22x35
0.227
0.174
1.82
2.09
NRLRW222M63V25X25SF
25x25
0.227
0.174
1.82
2.09
NRLRW272M63V22X35SF
2,700
22x35
0.185
0.142
2.11
2.42
NRLRW272M63V25X30SF
25x30
0.185
0.142
2.11
2.42
NRLRW332M63V22X45SF
3,300
22x45
0.151
0.116
2.33
2.67
NRLRW332M63V25X35SF
25x35
0.151
0.116
2.33
2.67
NRLRW332M63V30X25SF
30x25
0.151
0.116
2.33
2.67
NRLRW392M63V22X50SF
3,900
22x50
0.128
0.099
2.55
2.93
NRLRW392M63V25X40SF
25x40
0.128
0.099
2.55
2.93
NRLRW392M63V30X30SF
30x30
0.128
0.099
2.55
2.93
NRLRW472M63V25X45SF
4,700
25x45
0.106
0.082
2.97
3.41
NRLRW472M63V30X35SF
30x35
0.106
0.082
2.97
3.41
NRLRW562M63V25X50SF
5,600
25x50
0.089
0.069
3.22
3.70
NRLRW562M63V20X35SF
30x35
0.089
0.069
3.22
3.70
NRLRW562M63V35X30SF
35x30
0.089
0.069
3.22
3.70
NRLRW682M63V30X40SF
6,800
30x40
0.074
0.057
3.65
4.19
NRLRW682M63V35X35SF
35x35
0.074
0.057
3.65
4.19
NRLRW822M63V30X50SF
8,200
30x50
0.061
0.047
4.04
4.64
NRLRW822M63V35X40SF
35x40
0.061
0.047
4.04
4.64
NRLRW103M63V35X45SF
10,000
35x45
0.050
0.039
4.48
5.15
NRLRW123M63V35X50SF
12,000
35x50
0.042
0.032
4.75
5.46


Similar Part No. - NRLRW821M315V35X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLRW822M100V20X25F NIC-NRLRW822M100V20X25F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW822M100V20X30F NIC-NRLRW822M100V20X30F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW822M100V22X25X30X40F NIC-NRLRW822M100V22X25X30X40F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW822M100V35X30F NIC-NRLRW822M100V35X30F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW822M10V20X25F NIC-NRLRW822M10V20X25F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLRW821M315V35X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com