Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN09610 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN09610
Description  96MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09610 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN09610 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09610 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09610 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09610
Rev. Date
2008-01-21
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 2/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
96MHz SAW Filter
25MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN09610
Matching Configuration
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2
L1=(180+68)nH L2=180nH
C1=6.8pF C2=22pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Package: SMD7.0*5.0
Unit: mm
Pad Configuration:
Input
9
Output
4
Ground All Others
Marking Configuration:
1) •: Pad Number 1 Index
2) SIPAT: Manufacturer Name
3) LBN09610: Part Number
4) 08XX: Date Code
4
3
2
5
6
7
8
9
10
1
1
3
2
9
10
8
7
6
5
4
SIPAT
LBN09610
08XX
7.00
0.60
1.00
1.27


Similar Part No. - LBN09610

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09610 SIPAT-LBN09610 Datasheet
148Kb / 3P
   96MHz SAW Filter 25MHz Bandwidth
More results

Similar Description - LBN09610

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09604 SIPAT-LBN09604 Datasheet
339Kb / 3P
   96MHz SAW Filter
LBN09613 SIPAT-LBN09613 Datasheet
145Kb / 3P
   96MHz SAW Filter
LBN09615 SIPAT-LBN09615 Datasheet
322Kb / 3P
   96MHz SAW Filter
LBN09603 SIPAT-LBN09603 Datasheet
180Kb / 3P
   96MHz SAW Filter
LBN09607 SIPAT-LBN09607 Datasheet
156Kb / 4P
   96MHz SAW Filter
LBT09611 SIPAT-LBT09611 Datasheet
155Kb / 3P
   96MHz SAW Filter 5MHz Bandwidth
LBT09605 SIPAT-LBT09605 Datasheet
144Kb / 3P
   96MHz SAW Filter 5MHz Bandwidth
LBN09603 SIPAT-LBN09603 Datasheet
147Kb / 3P
   96MHz SAW Filter 22MHz Bandwidth
LBN09607 SIPAT-LBN09607 Datasheet
151Kb / 4P
   96MHz SAW Filter 10MHz Bandwidth
LBT09611 SIPAT-LBT09611 Datasheet
155Kb / 3P
   96MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com