Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLR821M250V30X35SF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NRLR821M250V30X35SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR821M250V30X35SF Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NRLR821M250V30X35SF Datasheet HTML 2Page - NIC-Components Corp. NRLR821M250V30X35SF Datasheet HTML 3Page - NIC-Components Corp. NRLR821M250V30X35SF Datasheet HTML 4Page - NIC-Components Corp. NRLR821M250V30X35SF Datasheet HTML 5Page - NIC-Components Corp. NRLR821M250V30X35SF Datasheet HTML 6Page - NIC-Components Corp. NRLR821M250V30X35SF Datasheet HTML 7Page - NIC-Components Corp. NRLR821M250V30X35SF Datasheet HTML 8Page - NIC-Components Corp. NRLR821M250V30X35SF Datasheet HTML 9Page - NIC-Components Corp. NRLR821M250V30X35SF Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap (
μF)
W.V.
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLR271M160V20X25SF
270
160
20x25
0.922
0.709
1.28
1.92
NRLR331M160V20X25SF
330
20x25
0.754
0.580
1.55
2.32
NRLR391M160V20X30SF
390
20x30
0.638
0.491
1.63
2.44
NRLR391M160V22X25SF
22x25
0.638
0.491
1.63
2.44
NRLR471M160V20X30SF
470
20x30
0.53
0.408
1.90
2.85
NRLR471M160V22X30SF
22x30
0.53
0.408
1.86
2.79
NRLR471M160V25X25SF
25x25
0.53
0.408
1.86
2.79
NRLR561M160V20X35SF
560
20x35
0.445
0.342
2.14
3.21
NRLR561M160V22X30SF
22x30
0.445
0.342
2.15
3.22
NRLR561M160V25X25SF
25x25
0.445
0.342
2.15
3.22
NRLR681M160V20X40SF
680
20x40
0.366
0.282
2.35
3.52
NRLR681M160V22X35SF
22x35
0.366
0.282
2.35
3.52
NRLR681M160V25X30SF
25x30
0.366
0.282
2.33
3.49
NRLR681M160V30X25SF
30x25
0.366
0.282
2.33
3.49
NRLR821M160V22X40SF
820
22x40
0.304
0.234
2.68
4.02
NRLR821M160V25X30SF
25x30
0.304
0.234
2.65
3.97
NRLR821M160V30X25SF
30x25
0.304
0.234
2.64
3.96
NRLR102M160V22X45SF
1,000
22x45
0.249
0.192
3.02
4.53
NRLR102M160V25X35SF
25x35
0.249
0.192
3.00
4.50
NRLR102M160V30X30SF
30x30
0.249
0.192
2.96
4.44
NRLR122M160V25X40SF
1,200
25x40
0.208
0.160
3.43
5.14
NRLR122M160V30X30SF
30x30
0.208
0.160
3.41
5.11
NRLR122M160V35X30SF
35x30
0.208
0.160
3.40
5.10
NRLR152M160V25X50SF
1,500
25x50
0.166
0.128
3.96
5.94
NRLR152M160V30X35SF
30x35
0.166
0.128
3.96
5.94
NRLR152M160V35X30SF
35x30
0.166
0.128
3.94
5.91
NRLR182M160V30X40SF
1,800
30x40
0.139
0.107
4.31
6.46
NRLR182M160V35X35SF
35x35
0.139
0.107
4.28
6.42
NRLR222M160V30X50SF
2,200
30x50
0.114
0.087
4.96
7.44
NRLR222M160V35X40SF
35x40
0.114
0.087
4.96
7.44
NRLR272M160V35X45SF
2,700
35x45
0.093
0.071
5.57
8.35
NRLR271M180V20X25SF
270
180
20x25
0.922
0.709
1.29
1.93
NRLR331M180V20X30SF
330
20x30
0.754
0.580
1.77
2.65
NRLR331M180V22X25SF
22x25
0.754
0.580
1.49
2.23
NRLR391M180V20X30SF
390
20x30
0.638
0.491
1.84
2.76
NRLR391M180V22X25SF
22x25
0.638
0.491
1.84
2.76
NRLR471M180V20X35SF
470
20x35
0.530
0.408
1.91
2.86
NRLR471M180V25X30SF
22x30
0.530
0.408
1.91
2.86
NRLR471M180V25X25SF
25x25
0.530
0.408
2.08
3.12
NRLR561M180V20X40SF
560
20x40
0.445
0.342
2.15
3.22
NRLR561M180V22X35SF
22x35
0.445
0.342
2.25
3.37
NRLR561M180V25X25SF
25x25
0.445
0.342
2.25
3.37
NRLR681M180V22X35SF
680
22x35
0.366
0.282
2.48
3.72
NRLR681M180V25X30SF
25x30
0.366
0.282
2.50
3.75
NRLR681M180V30X25SF
30x25
0.366
0.282
2.46
3.69
NRLR821M180V22X40SF
820
22x40
0.304
0.234
2.86
4.29
NRLR821M180V25X35SF
25x35
0.304
0.234
2.75
4.12
NRLR821M180V30X25SF
30x25
0.304
0.234
2.69
4.03
NRLR102M180V22X50SF
1,000
22x50
0.249
0.192
3.10
4.65
NRLR102M180V25X40SF
25x40
0.249
0.192
3.06
4.59
NRLR102M180V30X30SF
30x30
0.249
0.192
3.10
4.65
NRLR122M180V25X45SF
1,200
25x45
0.208
0.160
3.63
5.44
NRLR122M180V30X35SF
30x35
0.208
0.160
3.55
5.32
NRLR122M180V35X30SF
35x30
0.208
0.160
3.49
5.23
NRLR152M180V20X25SF
1,500
30x40
0.166
0.128
4.10
6.15
NRLR152M180V35X35SF
35x35
0.166
0.128
4.02
6.03
180VDC Continued on next page


Similar Part No. - NRLR821M250V30X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR822M100V20X25F NIC-NRLR822M100V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR822M100V20X30F NIC-NRLR822M100V20X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR822M100V22X25X30X40F NIC-NRLR822M100V22X25X30X40F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR822M100V35X30F NIC-NRLR822M100V35X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR822M10V20X25F NIC-NRLR822M10V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR821M250V30X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com