Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLPW151M420V22X35SF Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NRLPW151M420V22X35SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLPW151M420V22X35SF Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NRLPW151M420V22X35SF Datasheet HTML 2Page - NIC-Components Corp. NRLPW151M420V22X35SF Datasheet HTML 3Page - NIC-Components Corp. NRLPW151M420V22X35SF Datasheet HTML 4Page - NIC-Components Corp. NRLPW151M420V22X35SF Datasheet HTML 5Page - NIC-Components Corp. NRLPW151M420V22X35SF Datasheet HTML 6Page - NIC-Components Corp. NRLPW151M420V22X35SF Datasheet HTML 7Page - NIC-Components Corp. NRLPW151M420V22X35SF Datasheet HTML 8Page - NIC-Components Corp. NRLPW151M420V22X35SF Datasheet HTML 9Page - NIC-Components Corp. NRLPW151M420V22X35SF Datasheet HTML 10Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Voltage
(VDC)
Cap
(
μF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (
μA)
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K~50KHz
NRLPW151M500V30X35SF
500VDC
150
30X35
0.25
821
2.764
2.127
0.96
1.34
NRLPW151M500V35X30SF
150
35X30
0.25
821
2.764
2.127
0.92
1.28
NRLPW181M500V25X50SF
180
25X50
0.25
900
2.303
1.772
1.1
1.54
NRLPW181M500V30X40SF
180
30X40
0.25
900
2.303
1.772
1.07
1.49
NRLPW181M500V35X30SF
180
35X30
0.25
900
2.303
1.772
1
1.4
NRLPW221M500V30X45SF
220
30X45
0.25
994
1.884
1.45
1.22
1.7
NRLPW221M500V35X40SF
220
35X40
0.25
994
1.884
1.45
1.21
1.69
NRLPW271M500V35X40SF
270
35X40
0.25
1102
1.536
1.182
1.32
1.84
NRLPW331M500V35X45SF
330
35X45
0.25
1218
1.256
0.967
1.5
2.1
NRLPW391M500V35X55SF
390
35X55
0.25
1324
1.063
0.818
1.89
2.64
NRLPW471M500V35X60SF
470
35X60
0.25
1454
0.882
0.679
2.11
2.95
Large Can Aluminum Electrolytic Capacitors
NRLPW Series


Similar Part No. - NRLPW151M420V22X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLPW151M500V30X35SF NIC-NRLPW151M500V30X35SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLPW151M420V22X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com