Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLPW121M420V22X30SF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRLPW121M420V22X30SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLPW121M420V22X30SF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRLPW121M420V22X30SF Datasheet HTML 1Page - NIC-Components Corp. NRLPW121M420V22X30SF Datasheet HTML 2Page - NIC-Components Corp. NRLPW121M420V22X30SF Datasheet HTML 3Page - NIC-Components Corp. NRLPW121M420V22X30SF Datasheet HTML 4Page - NIC-Components Corp. NRLPW121M420V22X30SF Datasheet HTML 5Page - NIC-Components Corp. NRLPW121M420V22X30SF Datasheet HTML 6Page - NIC-Components Corp. NRLPW121M420V22X30SF Datasheet HTML 7Page - NIC-Components Corp. NRLPW121M420V22X30SF Datasheet HTML 8Page - NIC-Components Corp. NRLPW121M420V22X30SF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLPW Series
Operating Temperature Range
-40 ~ +105°C
-25 ~ +105°C
Rated Voltage Range
50 ~ 100Vdc
160 ~ 500Vdc
Rated Capacitance Range
680 ~ 15,000
μF
39 ~ 2,700
μF
Capacitance Tolerance
±20% (M)
Max. Leakage Current (
μA)
After 5 minutes (20°C)
3 x C(
μF)V
Max. Tan
δ
at 120Hz/20°C
W.V. (Vdc)
50
63
80
100 160 180 200 220 250 400 420 450 500
Tan
δ max.
0.35 0.3 0.25 0.25 0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2 0.25
Surge Voltage
W.V. (Vdc)
50
63
80
100 160 180 200 220 250 400 420 450 500
S.V. (Vdc)
63
79
100 125 200 225 250 270 300 450 470 500 550
Ripple Current
Correction Factors
Frequency (Hz)
60
120
500
1K
10K
Multiplier
at 85°C
50 ~ 100Vdc
0.90
1.00
1.05
1.10
1.15
160 ~ 250Vdc
0.80
1.00
1.20
1.30
1.50
400 ~ 500Vdc
0.80
1.00
1.20
1.25
1.40
Temperature
+65°C
+85°C
+105°C
Multipier
2.1
1.7
1.0
Impedance Ration
(Low Temperature Stability)
Rated Voltage (VDC)
Z (-25°C)/Z (+20°C)
Z (-25°C)/Z (+20°C)
50 ~ 100
3 max.
12 max.
160 ~ 250
4 max.
-
400 ~ 450
8 max.
-
500
12 max.
-
Load Life Test
50V~100V 2,000 hours at +105°C
160V~500V 3,000 hours at +105°C
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
1,000 hours at +105°C
(no load)
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Surge Voltage Test
1000 Cycles of 30 seconds "On" and
5.5 minutes "Off" at 25°C
Capacitance Change
Within ±15% of initial measured value
Tan
δ
Less than specified maximum value
Leakage Current
Less than specified maximum value
Soldering Effect
Refer to
JISC5102.8.5
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than specified maximum value
Leakage Current
Less than specified maximum value
FEATURES
• LONG LIFE AT +105°C (3,000 HOURS)
• HIGH RIPPLE CURRENT
• HIGH VOLTAGE (UP TO 500VDC)
• SUITABLE FOR SWITCHING POWER SUPPLIES
SPECIFICATIONS
MECHANICAL CHARACTERISTICS:
1. Safety Vent:
The capacitors are provided with a pressure vent on the top of can. The vent is designed to rupture in the event that high internal gas pressure is
developed by circuit malfunction or mis-use like reverse voltage.
2. Terminal Strength:
Each terminal of the capacitor shall withstand an axial pull force of 4.5Kg for a period 10 seconds or a radial bent force of 2.5Kg for a period
of 30 seconds.
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Notice for Mounting
The space from the top of the can shall be more than (3mm) from chassis or
other construction materials so that safety vent has room to expand in case
of emergency.
Sleeve Color: Dark Blue
Recommended PC Board Mounting Holes:
Can Top Safety Vent
PET Sleeve and Minus
Polarity Marking
D+1
Max.
L
± 2
4.0 ± 0.5
(3.5mm ± 0.5mm on
φ35mm Dia.)
or
6.0
± 0.5 (Special Order)
10
(-)
(+)
MAXIMUM EXPANSION FOR
SAFETY VENT
Approx.
3.0mm
10
± .1
∅= 2 ± 0.1
D
∅ ± 0.5
Chassis
PC Board
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
NRLPW 682 M 63V 30X35 S F
RoHS compliant
Lead Length
S=4mm (3.5mm
φ35mm Dia.)
L = 6.0mm (special order)
Case Size (mm)
Voltage Rating
Tolerance Code
Capacitance Code
Series
PART NUMBER SYSTEM


Similar Part No. - NRLPW121M420V22X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLPW121M450V22X30SF NIC-NRLPW121M450V22X30SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLPW121M420V22X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com