Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFC1V122 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFC1V122
Description  Aluminum Electrolytic Capacitors/ FC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1V122 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFC1V122 Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1V122 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1V122 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1V122 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1V122 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1V122 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1V122 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1V122 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1V122 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
– EEE-63 –
010
0d±0.05
Sleeve
14 min.
3 min.
L
(
08 15, 016 15, 018 15 : L±1.5)
Pressure relief
06.3
But exclude 7 mm
height
L 16 : L±1.0
L 20 : L±2.0
+
04 to 08
0D±0.5
0D±0.5
Features
● Endurance : 105 °C 1000 h to 5000 h
● Low impedance
● RoHS directive compliant
Radial Lead Type
Series:
FC
Type:
A
Specifications
Category Temp. Range
–55 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 100 V.DC
Nominal Cap. Range
2.2 μF to 15000 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater)
tan d
W.V. (V)
6.3
10
16
25
35
50
63
100
(120 Hz/+20 °C)
tan
d
0.22
0.19
0.16
0.14
0.12
0.10
0.08
0.07
For capacitance value
> 1000 μF, add 0.02 per every 1000 μF.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The sum of DC
and ripple peak voltage shall not exceed the rated working voltage) when the capacitors are restored to
20 °C, the capacitors shall meet the limits specified bellow.
Duration : 04 to 06.3: 1000 hours, 08: 2000 hours , 010: 3000 hours , 012.5 to 018: 5000 hours
Capacitance change
±20 % of initial measured value
tan
d
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
W.V.(V.DC)
Cap (μF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 100
2.2 to
330
0.55
0.65
0.85
0.90
1.00
390
to
1000
0.70
0.75
0.90
0.95
1.00
1200
to
2200
0.75
0.80
0.90
0.95
1.00
2700
to
15000
0.80
0.85
0.95
1.00
1.00
Frequency correction factor for ripple current
L
>11
L=7
Body Dia. 0D
4
5
6.3
8
10
12.5
16
18
4
5
6.3
Body Length L
15 to 25 30 to 40
Lead Dia. 0d
0.45
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
0.45
0.45
0.45
Lead space F
1.5
2.0
2.5
3.5
5.0
5.0
5.0
7.5
7.5
1.5
2.0
2.5
Dimensions in mm (not to scale)
(Unit : mm)
02 Dec. 2013


Similar Part No. - EEUFC1V122

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1V122 PANASONIC-EEUFC1V122 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1V122 PANASONIC-EEUFC1V122 Datasheet
150Kb / 10P
   Radial Lead Type
EEUFC1V122B PANASONIC-EEUFC1V122B Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1V122H PANASONIC-EEUFC1V122H Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1V122L PANASONIC-EEUFC1V122L Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
More results

Similar Description - EEUFC1V122

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J680 PANASONIC-EEUFC0J680 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEAFC0J270 PANASONIC-EEAFC0J270 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC0J272L PANASONIC-EEUFC0J272L Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1V331P PANASONIC-EEE-FC1V331P Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V271 PANASONIC-EEU-FC1V271 Datasheet
216Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com