Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLPW820M420V20X25SF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRLPW820M420V20X25SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLPW820M420V20X25SF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRLPW820M420V20X25SF Datasheet HTML 1Page - NIC-Components Corp. NRLPW820M420V20X25SF Datasheet HTML 2Page - NIC-Components Corp. NRLPW820M420V20X25SF Datasheet HTML 3Page - NIC-Components Corp. NRLPW820M420V20X25SF Datasheet HTML 4Page - NIC-Components Corp. NRLPW820M420V20X25SF Datasheet HTML 5Page - NIC-Components Corp. NRLPW820M420V20X25SF Datasheet HTML 6Page - NIC-Components Corp. NRLPW820M420V20X25SF Datasheet HTML 7Page - NIC-Components Corp. NRLPW820M420V20X25SF Datasheet HTML 8Page - NIC-Components Corp. NRLPW820M420V20X25SF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Voltage
(VDC)
Cap
(
μF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (
μA)
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K~50KHz
NRLPW681M180V25X30SF
180VDC
680
25X30
0.2
1049
0.488
0.376
1.7
2.55
NRLPW821M180V22X40SF
820
22X40
0.2
1152
0.405
0.312
2
3
NRLPW821M180V25X35SF
820
25X35
0.2
1152
0.405
0.312
2
3
NRLPW821M180V30X25SF
820
30X25
0.2
1152
0.405
0.312
2
3
NRLPW102M180V25X40SF
1000
25X40
0.2
1272
0.332
0.256
2.2
3.3
NRLPW102M180V30X30SF
1000
30X30
0.2
1272
0.332
0.256
2.2
3.3
NRLPW102M180V35X25SF
1000
35X25
0.2
1272
0.332
0.256
2.2
3.3
NRLPW122M180V25X45SF
1200
25X45
0.2
1394
0.277
0.214
2.3
3.45
NRLPW122M180V30X35SF
1200
30X35
0.2
1394
0.277
0.214
2.3
3.45
NRLPW122M180V35X30SF
1200
35X30
0.2
1394
0.277
0.214
2.3
3.45
NRLPW152M180V25X50SF
1500
25X50
0.2
1558
0.222
0.171
2.5
3.75
NRLPW152M180V30X40SF
1500
30X40
0.2
1558
0.222
0.171
2.5
3.75
NRLPW152M180V35X30SF
1500
35X30
0.2
1558
0.222
0.171
2.5
3.75
NRLPW182M180V30X45SF
1800
30X45
0.2
1707
0.185
0.143
2.7
4.05
NRLPW182M180V35X35SF
1800
35X35
0.2
1707
0.185
0.143
2.7
4.05
NRLPW222M180V30X50SF
2200
30X50
0.2
1887
0.151
0.117
2.9
4.35
NRLPW222M180V35X40SF
2200
35X40
0.2
1887
0.151
0.117
2.9
4.35
NRLPW272M180V35X50SF
2700
35X50
0.2
2091
0.123
0.095
3.1
4.65
NRLPW271M200V20X25SF
200VDC
270
20X25
0.2
697
1.229
0.946
0.99
1.48
NRLPW331M200V20X30SF
330
20X30
0.2
770
1.005
0.774
1.2
1.8
NRLPW331M200V22X25SF
330
22X25
0.2
770
1.005
0.774
1.2
1.8
NRLPW391M200V20X30SF
390
20X30
0.2
837
0.851
0.655
1.34
2.01
NRLPW391M200V22X25SF
390
22X25
0.2
837
0.851
0.655
1.34
2.01
NRLPW471M200V20X35SF
470
20X35
0.2
919
0.706
0.544
1.48
2.22
NRLPW471M200V22X30SF
470
22X30
0.2
919
0.706
0.544
1.48
2.22
NRLPW471M200V25X25SF
470
25X25
0.2
919
0.706
0.544
1.48
2.22
NRLPW561M200V20X40SF
560
20X40
0.2
1003
0.593
0.457
1.6
2.4
NRLPW561M200V22X35SF
560
22X35
0.2
1003
0.593
0.457
1.6
2.4
NRLPW561M200V25X25SF
560
25X25
0.2
1003
0.593
0.457
1.6
2.4
NRLPW681M200V22X40SF
680
22X40
0.2
1106
0.488
0.376
1.75
2.62
NRLPW681M200V25X30SF
680
25X30
0.2
1106
0.488
0.376
1.75
2.62
NRLPW681M200V30X25SF
680
30X25
0.2
1106
0.488
0.376
1.75
2.62
NRLPW821M200V22X45SF
820
22X45
0.2
1214
0.405
0.312
2.04
3.06
NRLPW821M200V25X35SF
820
25X35
0.2
1214
0.405
0.312
2.04
3.06
NRLPW821M200V30X25SF
820
30X25
0.2
1214
0.405
0.312
2.04
3.06
NRLPW102M200V25X45SF
1000
25X45
0.2
1341
0.332
0.256
2.3
3.45
NRLPW102M200V30X30SF
1000
30X30
0.2
1341
0.332
0.256
2.3
3.45
NRLPW122M200V25X50SF
1200
25X50
0.2
1469
0.277
0.214
2.65
3.97
NRLPW122M200V30X35SF
1200
30X35
0.2
1469
0.277
0.214
2.65
3.97
NRLPW122M200V35X30SF
1200
35X30
0.2
1469
0.277
0.214
2.65
3.97
NRLPW152M200V30X45SF
1500
30X45
0.2
1643
0.222
0.171
2.8
4.2
NRLPW152M200V35X35SF
1500
35X35
0.2
1643
0.222
0.171
2.8
4.2
NRLPW182M200V30X50SF
1800
30X50
0.2
1800
0.185
0.143
3.08
4.62
NRLPW182M200V35X40SF
1800
35X40
0.2
1800
0.185
0.143
3.08
4.62
Large Can Aluminum Electrolytic Capacitors
NRLPW Series


Similar Part No. - NRLPW820M420V20X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLPW821M100V20X30SF NIC-NRLPW821M100V20X30SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW821M100V22X25SF NIC-NRLPW821M100V22X25SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW821M160V22X35SF NIC-NRLPW821M160V22X35SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW821M160V25X30SF NIC-NRLPW821M160V25X30SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW822M50V25X45SF NIC-NRLPW822M50V25X45SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLPW820M420V20X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com