Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLPW122M250V30X45SF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NRLPW122M250V30X45SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLPW122M250V30X45SF Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NRLPW122M250V30X45SF Datasheet HTML 2Page - NIC-Components Corp. NRLPW122M250V30X45SF Datasheet HTML 3Page - NIC-Components Corp. NRLPW122M250V30X45SF Datasheet HTML 4Page - NIC-Components Corp. NRLPW122M250V30X45SF Datasheet HTML 5Page - NIC-Components Corp. NRLPW122M250V30X45SF Datasheet HTML 6Page - NIC-Components Corp. NRLPW122M250V30X45SF Datasheet HTML 7Page - NIC-Components Corp. NRLPW122M250V30X45SF Datasheet HTML 8Page - NIC-Components Corp. NRLPW122M250V30X45SF Datasheet HTML 9Page - NIC-Components Corp. NRLPW122M250V30X45SF Datasheet HTML 10Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Voltage
(VDC)
Cap
(
μF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (
μA)
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K~50KHz
NRLPW121M450V22X30SF
450VDC
120
22X30
0.2
697
2.764
2.127
0.72
1
NRLPW121M450V25X25SF
120
25X25
0.2
697
2.764
2.127
0.72
1
NRLPW151M450V20X45SF
150
20X45
0.2
779
2.211
1.701
0.79
1.1
NRLPW151M450V22X35SF
150
22X35
0.2
779
2.211
1.701
0.79
1.1
NRLPW151M450V25X30SF
150
25X30
0.2
779
2.211
1.701
0.79
1.1
NRLPW151M450V30X25SF
150
30X25
0.2
779
2.211
1.701
0.79
1.1
NRLPW181M450V22X40SF
180
22X40
0.2
853
1.843
1.418
0.87
1.21
NRLPW181M450V25X35SF
180
25X35
0.2
853
1.843
1.418
0.87
1.21
NRLPW181M450V30X25SF
180
30X25
0.2
853
1.843
1.418
0.87
1.21
NRLPW221M450V22X50SF
220
22X50
0.2
943
1.508
1.16
1.05
1.47
NRLPW221M450V25X40SF
220
25X40
0.2
943
1.508
1.16
1.05
1.47
NRLPW221M450V30X30SF
220
30X30
0.2
943
1.508
1.16
1.05
1.47
NRLPW221M450V35X25SF
220
35X25
0.2
943
1.508
1.16
1.05
1.47
NRLPW271M450V25X45SF
270
25X45
0.2
1045
1.229
0.946
1.23
1.72
NRLPW271M450V30X35SF
270
30X35
0.2
1045
1.229
0.946
1.23
1.72
NRLPW271M450V35X30SF
270
35X30
0.2
1045
1.229
0.946
1.23
1.72
NRLPW331M450V25X50SF
330
25X50
0.2
1156
1.005
0.774
1.38
1.93
NRLPW331M450V30X40SF
330
30X40
0.2
1156
1.005
0.774
1.38
1.93
NRLPW331M450V35X30SF
330
35X30
0.2
1156
1.005
0.774
1.38
1.93
NRLPW391M450V30X45SF
390
30X45
0.2
1256
0.851
0.655
1.61
2.25
NRLPW391M450V35X35SF
390
35X35
0.2
1256
0.851
0.655
1.61
2.25
NRLPW471M450V30X50SF
470
30X50
0.2
1379
0.706
0.544
1.78
2.49
NRLPW471M450V35X40SF
470
35X40
0.2
1379
0.706
0.544
1.78
2.49
NRLPW561M450V35X45SF
560
35X45
0.2
1505
0.593
0.457
1.99
2.78
NRLPW390M500V20X25SF
500VDC
39
20X25
0.25
418
10.628
8.176
0.39
0.54
NRLPW470M500V20X30SF
47
20X30
0.25
459
8.819
6.784
0.46
0.64
NRLPW470M500V22X25SF
47
22X25
0.25
459
8.819
6.784
0.44
0.61
NRLPW560M500V20X35SF
56
20X35
0.25
501
7.402
5.694
0.52
0.72
NRLPW560M500V22X30SF
56
22X30
0.25
501
7.402
5.694
0.51
0.71
NRLPW680M500V20X40SF
68
20X40
0.25
553
6.096
4.69
0.6
0.84
NRLPW680M500V22X30SF
68
22X30
0.25
553
6.096
4.69
0.56
0.78
NRLPW680M500V25X25SF
68
25X25
0.25
553
6.096
4.69
0.55
0.77
NRLPW820M500V20X45SF
82
20X45
0.25
607
5.055
3.889
0.68
0.95
NRLPW820M500V22X35SF
82
22X35
0.25
607
5.055
3.889
0.68
0.95
NRLPW820M500V25X30SF
82
25X30
0.25
607
5.055
3.889
0.64
0.89
NRLPW820M500V30X25SF
82
30X25
0.25
607
5.055
3.889
0.63
0.88
NRLPW101M500V22X40SF
100
22X40
0.25
670
4.145
3.189
0.77
1.07
NRLPW101M500V25X35SF
100
25X35
0.25
670
4.145
3.189
0.74
1.03
NRLPW101M500V30X25SF
100
30X25
0.25
670
4.145
3.189
0.69
0.96
NRLPW121M500V22X50SF
120
22X50
0.25
734
3.454
2.657
0.87
1.21
NRLPW121M500V25X35SF
120
25X35
0.25
734
3.454
2.657
0.81
1.13
NRLPW121M500V30X30SF
120
30X30
0.25
734
3.454
2.657
0.81
1.13
NRLPW121M500V35X25SF
120
35X25
0.25
734
3.454
2.657
0.78
1.09
NRLPW151M500V25X45SF
150
25X45
0.25
821
2.764
2.127
0.97
1.35
Large Can Aluminum Electrolytic Capacitors
NRLPW Series


Similar Part No. - NRLPW122M250V30X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLPW122M100V20X35SF NIC-NRLPW122M100V20X35SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW122M100V22X30SF NIC-NRLPW122M100V22X30SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW122M100V25X25SF NIC-NRLPW122M100V25X25SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW122M160V25X40SF NIC-NRLPW122M160V25X40SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW122M160V30X30SF NIC-NRLPW122M160V30X30SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLPW122M250V30X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com