Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLCW121M420V254X31SF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLCW121M420V254X31SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLCW121M420V254X31SF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLCW121M420V254X31SF Datasheet HTML 1Page - NIC-Components Corp. NRLCW121M420V254X31SF Datasheet HTML 2Page - NIC-Components Corp. NRLCW121M420V254X31SF Datasheet HTML 3Page - NIC-Components Corp. NRLCW121M420V254X31SF Datasheet HTML 4Page - NIC-Components Corp. NRLCW121M420V254X31SF Datasheet HTML 5Page - NIC-Components Corp. NRLCW121M420V254X31SF Datasheet HTML 6Page - NIC-Components Corp. NRLCW121M420V254X31SF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
Voltage
(Vdc)
Case Size
(mm)
ESR
(
Ω @ 20°C)
Max. Ripple Current
(Arms@105°C)
Load Life
@ +105°C
(Hours)
120Hz
120Hz
50KHz
NRLCW221M160V22X25SF
220
160
22X25
1.13
0.76
0.91
3000
NRLCW331M160V22X25SF
330
22X25
0.75
1.14
1.37
3000
NRLCW331M160V25.4X25SF
330
25.4X25
0.75
1.14
1.37
3000
NRLCW391M160V22X31SF
390
22X31
0.64
1.21
1.45
3000
NRLCW391M160V25.4X25SF
390
25.4X25
0.64
1.21
1.45
3000
NRLCW391M160V30X25SF
390
30X25
0.64
1.21
1.45
3000
NRLCW471M160V22X35SF
470
22X35
0.53
1.33
1.60
3000
NRLCW471M160V25.4X25SF
470
25.4X25
0.53
1.33
1.60
3000
NRLCW471M160V30X25SF
470
30X25
0.53
1.33
1.60
3000
NRLCW561M160V22X41SF
560
22X41
0.44
1.46
1.75
3000
NRLCW561M160V25.4X31SF
560
25.4X31
0.44
1.46
1.75
3000
NRLCW561M160V30X25SF
560
30X25
0.44
1.46
1.75
3000
NRLCW561M160V35X25SF
560
35X25
0.44
1.46
1.75
3000
NRLCW681M160V22X45SF
680
22X45
0.37
1.61
1.93
3000
NRLCW681M160V25.4X35SF
680
25.4X35
0.37
1.61
1.93
3000
NRLCW681M160V30X25SF
680
30X25
0.37
1.61
1.93
3000
NRLCW681M160V35X25SF
680
35X25
0.37
1.61
1.93
3000
NRLCW821M160V22X51SF
820
22X51
0.30
1.90
2.28
3000
NRLCW821M160V25.4X41SF
820
25.4X41
0.30
1.90
2.28
3000
NRLCW821M160V30X31SF
820
30X31
0.30
1.90
2.28
3000
NRLCW821M160V35X25SF
820
35X25
0.30
1.90
2.28
3000
NRLCW102M160V25.4X45SF
1000
25.4X45
0.25
2.11
2.53
3000
NRLCW102M160V30X35SF
1000
30X35
0.25
2.11
2.53
3000
NRLCW102M160V35X25SF
1000
35X25
0.25
2.11
2.53
3000
NRLCW122M160V25.4X51SF
1200
25.4X51
0.21
2.31
2.77
3000
NRLCW122M160V30X41SF
1200
30X41
0.21
2.31
2.77
3000
NRLCW122M160V35X31SF
1200
35X31
0.21
2.31
2.77
3000
NRLCW152M160V30X45SF
1500
30X45
0.17
2.67
3.20
3000
NRLCW152M160V35X35SF
1500
35X35
0.17
2.67
3.20
3000
NRLCW182M160V30X51SF
1800
30X51
0.14
3.14
3.77
3000
NRLCW182M160V35X45SF
1800
35X45
0.14
3.14
3.77
3000
NRLCW222M160V35X51SF
2200
35X51
0.11
3.58
4.30
3000
NRLCW271M180V22X25SF
270
180
(Continue
next page)
22X25
0.92
0.93
1.12
3000
NRLCW331M180V22X31SF
330
22X31
0.75
1.20
1.44
3000
NRLCW331M180V25.4X25SF
330
25.4X25
0.75
1.20
1.44
3000
NRLCW391M180V22X35SF
390
22X35
0.64
1.35
1.62
3000
NRLCW391M180V25.4X31SF
390
25.4X31
0.64
1.35
1.62
3000
NRLCW391M180V30X25SF
390
30X25
0.64
1.35
1.62
3000
NRLCW471M180V22X41SF
470
22X41
0.53
1.41
1.69
3000
NRLCW471M180V25.4X35SF
470
25.4X35
0.53
1.41
1.69
3000
NRLCW471M180V30X25SF
470
30X25
0.53
1.41
1.69
3000
NRLCW471M180V35X25SF
470
35X25
0.53
1.41
1.69
3000
NRLCW561M180V22X45SF
560
22X45
0.44
1.60
1.92
3000
NRLCW561M180V25.4X41SF
560
25.4X41
0.44
1.60
1.92
3000
NRLCW561M180V30X31SF
560
30X31
0.44
1.60
1.92
3000
NRLCW561M180V35X25SF
560
35X25
0.44
1.60
1.92
3000
NRLCW681M180V22X51SF
680
22X51
0.37
1.79
2.15
3000
NRLCW681M180V25.4X45SF
680
25.4X45
0.37
1.79
2.15
3000
NRLCW681M180V30X35SF
680
30X35
0.37
1.79
2.15
3000
Large Can Aluminum Electrolytic Capacitors
NRLCW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLCW121M420V254X31SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLCW122M160V25.4X51SF NIC-NRLCW122M160V25.4X51SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLCW122M160V30X41SF NIC-NRLCW122M160V30X41SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLCW122M160V35X31SF NIC-NRLCW122M160V35X31SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLCW122M180V30X51SF NIC-NRLCW122M180V30X51SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLCW122M180V35X41SF NIC-NRLCW122M180V35X41SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLCW121M420V254X31SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com